Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 30Page - Texas Instruments TMS320F Datasheet HTML 31Page - Texas Instruments TMS320F Datasheet HTML 32Page - Texas Instruments TMS320F Datasheet HTML 33Page - Texas Instruments TMS320F Datasheet HTML 34Page - Texas Instruments TMS320F Datasheet HTML 35Page - Texas Instruments TMS320F Datasheet HTML 36Page - Texas Instruments TMS320F Datasheet HTML 37Page - Texas Instruments TMS320F Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 389 page
background image
3-1
Memory and I/O Spaces
Memory and I/O Spaces
The ’C24x has a 16-bit address line that accesses four individually selectable
spaces (224K words total):
- A 64K-word program space
- A 64K-word local data space
- A 32K-word global data space
- A 64K-word I/O space
This chapter describes these four spaces and shows memory maps for pro-
gram, data, and I/O spaces. It also describes available ’C24x memory
configuration options.
Topic
Page
3.1
Overview of Memory and I/O Spaces
3-2
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.2
Program Memory
3-4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3
Data Memory
3-6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4
Global Data Memory
3-9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5
I/O Space
3-11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Chapter 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com