Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 18Page - Texas Instruments TMS320F Datasheet HTML 19Page - Texas Instruments TMS320F Datasheet HTML 20Page - Texas Instruments TMS320F Datasheet HTML 21Page - Texas Instruments TMS320F Datasheet HTML 22Page - Texas Instruments TMS320F Datasheet HTML 23Page - Texas Instruments TMS320F Datasheet HTML 24Page - Texas Instruments TMS320F Datasheet HTML 25Page - Texas Instruments TMS320F Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 389 page
background image
TMS320C24x Series of DSP Controllers
1-5
Introduction
1.2
TMS320C24x Series of DSP Controllers
Designers have recognized the opportunity to redesign existing DMC systems
to use advanced algorithms that yield better performance and reduce system
component count. DSPs enable:
- Design of robust controllers for a new generation of inexpensive motors,
such as AC induction, DC permanent magnet, and switched-reluctance
motors
- Full variable-speed control of brushless motor types that have lower
manufacturing cost and higher reliability
- Energy savings through variable-speed control, saving up to 25% of the
energy used by fixed-speed controllers
- Increased fuel economy, improved performance, and elimination of
hydraulic fluid in automotive electronic power steering (EPS) systems
- Reduced manufacturing and maintenance costs by eliminating hydraulic
fluids in automotive electronic braking systems
- More efficient and quieter operation due to less generation of torque
ripple, resulting in less loss of power, lower vibration, and longer life
- Elimination or reduction of memory lookup tables through real-time poly-
nomial calculation, thereby reducing system cost
- Use of advanced algorithms that can reduce the number of sensors
required in a system
- Control of power switching inverters, along with control algorithm
processing
- Single-processor control of multimotor systems
The ’C24x DSP controllers are designed to meet the needs of control-based
applications. By integrating the high performance of a DSP core and the
on-chip peripherals of a microcontroller into a single-chip solution, the ’C24x
series yields a device that is an affordable alternative to traditional microcon-
troller units (MCUs) and expensive multichip designs. At 20 million instructions
per second (MIPS), the ’C24x DSP controllers offer significant performance
over traditional 16-bit microcontrollers and microprocessors. Future deriva-
tives of these devices will run at speeds higher than 20 MIPS.
The 16-bit, fixed-point DSP core of the ’C24x device provides analog design-
ers a digital solution that does not sacrifice the precision and performance of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com