Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F Datasheet(PDF) 91 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 87Page - Texas Instruments TMS320F Datasheet HTML 88Page - Texas Instruments TMS320F Datasheet HTML 89Page - Texas Instruments TMS320F Datasheet HTML 90Page - Texas Instruments TMS320F Datasheet HTML 91Page - Texas Instruments TMS320F Datasheet HTML 92Page - Texas Instruments TMS320F Datasheet HTML 93Page - Texas Instruments TMS320F Datasheet HTML 94Page - Texas Instruments TMS320F Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 389 page
background image
Direct Addressing Mode
6-7
Addressing Modes
Example 6–3. Using Direct Addressing with ADD (Shift of 0 to 15)
LDP #4
;Set data page to 4 (addresses 0200h–027Fh).
ADD 9h,5
;The contents of data address 0209h are
;left shifted 5 bits and added to the
;contents of the accumulator.
7 LSBs from IR
16-bit data address 0209h
All 9 bits from DP
DP = 4
Instruction register (IR)
0 0 1 0
0 0 0 1 0 0 1
0 0 0 0 0 0 1 0 0
0
0 0 1 0
ADD
opcode
Shift of 5
0 0 0 0 0 0 1 0 0
0 0 0 1 0 0 1
9h
In Example 6–4, the ADD instruction references a data memory address that
is generated as shown following the program code. For any instruction that
performs a shift of 16, the shift value is not embedded directly in the instruction
word; instead, all eight MSBs contain an opcode that not only indicates the
instruction type, but also a shift of 16. The eight MSBs of the instruction word
indicate an ADD with a shift of 16.
Example 6–4. Using Direct Addressing with ADD (Shift of 16)
LDP #5
;Set data page to 5 (addresses 0280h–02FFh).
ADD 9h,16
;The contents of data address 0289h are
;left shifted 16 bits and added to the
;contents of the accumulator.
7 LSBs from IR
16-bit data address 0289h
All 9 bits from DP
DP = 5
Instruction register (IR)
0 0 0 1 0 0 1
0 0 0 0 0 0 1 0 1
0
ADD with shift of 16
opcode
0 0 0 0 0 0 1 0 1
0 0 0 1 0 0 1
9h
0 1 1 0 0 0 0 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com