Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 45Page - Texas Instruments TMS320F Datasheet HTML 46Page - Texas Instruments TMS320F Datasheet HTML 47Page - Texas Instruments TMS320F Datasheet HTML 48Page - Texas Instruments TMS320F Datasheet HTML 49Page - Texas Instruments TMS320F Datasheet HTML 50Page - Texas Instruments TMS320F Datasheet HTML 51Page - Texas Instruments TMS320F Datasheet HTML 52Page - Texas Instruments TMS320F Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 389 page
background image
Multiplication Section
4-5
Central Processing Unit
4.2
Multiplication Section
The ’C24x uses a 16-bit
× 16-bit hardware multiplier that can produce a signed
or unsigned 32-bit product in a single machine cycle. As shown in Figure 4–5,
the multiplication section consists of:
- The 16-bit temporary register (TREG), which holds one of the multipli-
cands
- The multiplier, which multiplies the TREG value by a second value from
data memory or program memory
- The 32-bit product register (PREG), which receives the result of the multi-
plication
- The product shifter, which scales the PREG value before passing it to the
CALU
Figure 4–5. Block Diagram of the Multiplication Section
32
MUX
PREG
Multiplier
16
×16
16
TREG
Product shifter (32 bits)
Multiplication
section
From data memory
16
From data
memory
16
From program memory
16
To CALU
32
From data memory
16
16
To data memory
To high word
of PREG
4.2.1
Multiplier
The 16-bit
× 16-bit hardware multiplier can produce a signed or unsigned
32-bit product in a single machine cycle. The two numbers being multiplied are
treated as 2s-complement numbers, except during unsigned multiplication
(MPYU instruction). Descriptions of the inputs to, and output of, the multiplier
follow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com