Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 35Page - Texas Instruments TMS320F Datasheet HTML 36Page - Texas Instruments TMS320F Datasheet HTML 37Page - Texas Instruments TMS320F Datasheet HTML 38Page - Texas Instruments TMS320F Datasheet HTML 39Page - Texas Instruments TMS320F Datasheet HTML 40Page - Texas Instruments TMS320F Datasheet HTML 41Page - Texas Instruments TMS320F Datasheet HTML 42Page - Texas Instruments TMS320F Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 389 page
background image
Data Memory
3-6
3.3
Data Memory
Data-memory space addresses up to 64K 16-bit words. Each ’C24x device
has three on-chip DARAM blocks: B0, B1, and B2. Block B0 is configurable as
either data memory or program memory. Blocks B1 and B2 are available for
data memory only.
Data memory can be addressed with either of two addressing modes: direct-
addressing or indirect-addressing. Addressing modes are described in detail
in Chapter 6.
When direct addressing is used, data memory is addressed in blocks of 128
words called data pages. The entire 64K of data memory consists of 512 data
pages labeled 0 through 511. The current data page is determined by the value
in the 9-bit data page pointer (DP) in status register ST0. Each of the 128 words
on the current page is referenced by a 7-bit offset, which is taken from the
instruction that is using direct addressing. Therefore, when an instruction uses
direct addressing, you must specify both the data page (with a preceding
instruction) and the offset (in the instruction that accesses data memory).
Figure 3–3. Pages of Data Memory
Data Memory
Page 0: 0000h–007Fh
Page 1: 0080h–00FFh
Page 2: 0100h–017Fh
Page 511: FF80h–FFFFh
.
000 0000
Offset
DP Value
0000 0000 0
111 1111
0000 0000 0
0000 0000 1
0000 0000 1
1111 1111 1
1111 1111 1
000 0000
111 1111
000 0000
111 1111
0000 0001 0
000 0000
111 1111
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
0000 0001 0
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com