Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F Datasheet(PDF) 42 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 38Page - Texas Instruments TMS320F Datasheet HTML 39Page - Texas Instruments TMS320F Datasheet HTML 40Page - Texas Instruments TMS320F Datasheet HTML 41Page - Texas Instruments TMS320F Datasheet HTML 42Page - Texas Instruments TMS320F Datasheet HTML 43Page - Texas Instruments TMS320F Datasheet HTML 44Page - Texas Instruments TMS320F Datasheet HTML 45Page - Texas Instruments TMS320F Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 389 page
background image
Global Data Memory
3-9
Memory and I/O Spaces
3.4
Global Data Memory
Addresses in the upper 32K words (8000h–FFFFh) of local data memory can
be used for global data memory. The global memory allocation register
(GREG) determines the size of the global data-memory space, which is be-
tween 256 and 32K words. The GREG is connected to the eight LSBs of the
internal data bus and is memory-mapped to data-memory location 0005h.
Table 3–2 shows the allowable GREG values and shows the corresponding
address range set aside for global data memory. Any remaining addresses
within 8000h–FFFFh are available for local data memory.
Note:
Choose only the GREG values listed in Table 3–2. Other values lead to frag-
mented memory maps.
Table 3–2. Global Data Memory Configurations
GREG Value
Local Memory
Global Memory
High Byte Low Byte
Range
Words
Range
Words
XXXX XXXX 0000 0000
0000h–FFFFh
65 536
–
0
XXXX XXXX 1000 0000
0000h–7FFFh
32 768
8000h–FFFFh
32 768
XXXX XXXX 1100 0000
0000h–BFFFh
49 152
C000h–FFFFh
16 384
XXXX XXXX 1110 0000
0000h–DFFFh
57 344
E000h–FFFFh
8 192
XXXX XXXX 1111 0000
0000h–EFFFh
61 440
F000h–FFFFh
4 096
XXXX XXXX 1111 1000
0000h–F7FFh
63 488
F800h–FFFFh
2 048
XXXX XXXX 1111 1100
0000h–FBFFh
64 512
FC00h–FFFFh
1 024
XXXX XXXX 1111 1110
0000h–FDFFh
65 024
FE00h–FFFFh
512
XXXX XXXX 1111 1111
0000h–FEFFh
65 280
FF00h–FFFFh
256
Note:
X = Don’t care
When a program accesses any data address, the ’C24x drives the DS signal
low. If that address is within the range defined by the GREG as a global ad-
dress, BR signal is also asserted. Because BR differentiates local and global
accesses, the addresses configured by the GREG value are an additional data
space. The external data-address range is extended by the selected amount
of global space (up to 32K words).
Global memory is available only on devices with an external memory interface.
In other devices, this space and the GREG register are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com