Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F Datasheet(PDF) 67 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 63Page - Texas Instruments TMS320F Datasheet HTML 64Page - Texas Instruments TMS320F Datasheet HTML 65Page - Texas Instruments TMS320F Datasheet HTML 66Page - Texas Instruments TMS320F Datasheet HTML 67Page - Texas Instruments TMS320F Datasheet HTML 68Page - Texas Instruments TMS320F Datasheet HTML 69Page - Texas Instruments TMS320F Datasheet HTML 70Page - Texas Instruments TMS320F Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 389 page
background image
Program-Address Generation
5-3
Program Control
Table 5–1. Program-Address Generation Summary
Operation
Program-Address Source
Sequential operation
PC (contains program address +1)
Dummy cycle
PAR (contains program address)
Return from subroutine
Top of the stack (TOS)
Return from table move or block move
Microstack (MSTACK)
Branch or call to address specified in
instruction
Branch or call instruction by way of the
program read bus (PRDB)
Branch or call to address specified in
lower half of the accumulator
Low accumulator by way of the data
read bus (DRDB)
Branch to interrupt service routine
Interrupt vector location by way of the
program read bus (PRDB)
The ’C24x program-address generation logic uses the following hardware:
- Program counter (PC). The ’C24x has a 16-bit program counter (PC) that
addresses internal and external program memory when fetching instruc-
tions.
- Program address register (PAR). The PAR drives the program address
bus (PAB). The PAB is a 16-bit bus that provides program addresses for
both reads and writes.
- Stack. The program-address generation logic includes a 16-bit-wide, 8-
level hardware stack for storing up to eight return addresses. In addition,
you can use the stack for temporary storage.
- Microstack (MSTACK). Occasionally, the program-address generation
logic uses the 16-bit-wide, 1-level MSTACK to store one return address.
- Repeat counter (RPTC). The 16-bit RPTC is used with the repeat (RPT)
instruction to determine how many times the instruction following RPT is
repeated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com