Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 24Page - Texas Instruments TMS320F Datasheet HTML 25Page - Texas Instruments TMS320F Datasheet HTML 26Page - Texas Instruments TMS320F Datasheet HTML 27Page - Texas Instruments TMS320F Datasheet HTML 28Page - Texas Instruments TMS320F Datasheet HTML 29Page - Texas Instruments TMS320F Datasheet HTML 30Page - Texas Instruments TMS320F Datasheet HTML 31Page - Texas Instruments TMS320F Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 389 page
background image
Memory
2-5
Architectural Overview
2.3
Memory
The ’C24x contains the following types of on-chip memory:
- Dual-access RAM (DARAM)
- Flash EEPROM or ROM (masked)
The ’C24x memory is organized into four individually-selectable spaces:
- Program (64K words)
- Local data (64K words)
- Global data (32K words)
- Input/Output (64K words)
These spaces form an address range of 224K words.
2.3.1
On-Chip Dual-Access RAM (DARAM)
The ’C24x has 544 words of on-chip DARAM, which can be accessed twice
per machine cycle. This memory is primarily intended to hold data, but when
needed, can also be used to hold programs. The memory can be configured
in one of two ways, depending on the state of the CNF bit in status register ST1.
- When CNF = 0, all 544 words are configured as data memory.
- When CNF = 1, 288 words are configured as data memory and 256 words
are configured as program memory.
Because DARAM can be accessed twice per cycle, it improves the speed of
the CPU. The CPU operates within a 4-cycle pipeline. In this pipeline, the CPU
reads data on the third cycle and writes data on the fourth cycle. However,
DARAM allows the CPU to write and read in one cycle; the CPU writes to
DARAM on the master phase of the cycle and reads from DARAM on the slave
phase. For example, suppose two instructions, A and B, store the accumulator
value to DARAM and load the accumulator with a new value from DARAM.
Instruction A stores the accumulator value during the master phase of the CPU
cycle, and instruction B loads the new value in the accumulator during the
slave phase. Because part of the dual-access operation is a write, it only
applies to RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com