Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F Datasheet(PDF) 84 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 80Page - Texas Instruments TMS320F Datasheet HTML 81Page - Texas Instruments TMS320F Datasheet HTML 82Page - Texas Instruments TMS320F Datasheet HTML 83Page - Texas Instruments TMS320F Datasheet HTML 84Page - Texas Instruments TMS320F Datasheet HTML 85Page - Texas Instruments TMS320F Datasheet HTML 86Page - Texas Instruments TMS320F Datasheet HTML 87Page - Texas Instruments TMS320F Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 389 page
background image
CPU Interrupt Registers
5-20
Figure 5–6. Interrupt Mask Register (IMR) — Address 0004h
15–6
5
4
3
2
1
0
Reserved
INT6
INT5
INT4
INT3
INT2
INT1
0
R/W–x
R/W–x
R/W–x
R/W–x
R/W–x
R/W–x
Note:
0 = Always read as zeros, R = Read access, W = Write access, –n = Value after reset, x = value unchanged by reset
Bits 15–6
Reserved. These bits are always read as 0s.
Bit 5
INT6. Interrupt 6 mask. This bit masks or unmasks interrupt level INT6.
0 = Level INT6 is masked.
1 = Level INT6 is unmasked.
Bit 4
INT5. Interrupt 5 mask. This bit masks or unmasks interrupt level INT5.
0 = Level INT5 is masked.
1 = Level INT5 is unmasked.
Bit 3
INT4. Interrupt 4 mask. This bit masks or unmasks interrupt level INT4.
0 = Level INT4 is masked.
1 = Level INT4 is unmasked.
Bit 2
INT3. Interrupt 3 mask. This bit masks or unmasks interrupt level INT3.
0 = Level INT3 is masked.
1 = Level INT3 is unmasked.
Bit 1
INT2. Interrupt 2 mask. This bit masks or unmasks interrupt level INT2.
0 = Level INT2 is masked.
1 = Level INT2 is unmasked.
Bit 0
INT1. Interrupt 1 mask. This bit masks or unmasks interrupt level INT1.
0 = Level INT1 is masked.
1 = Level INT1 is unmasked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com