Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F Datasheet(PDF) 80 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 80 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 76Page - Texas Instruments TMS320F Datasheet HTML 77Page - Texas Instruments TMS320F Datasheet HTML 78Page - Texas Instruments TMS320F Datasheet HTML 79Page - Texas Instruments TMS320F Datasheet HTML 80Page - Texas Instruments TMS320F Datasheet HTML 81Page - Texas Instruments TMS320F Datasheet HTML 82Page - Texas Instruments TMS320F Datasheet HTML 83Page - Texas Instruments TMS320F Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 389 page
background image
Interrupts
5-16
Table 5–5. ’C24x Interrupt Locations and Priorities (Continued)
K†
Vector
Location
Name
Priority
Function
9
12h
INT9
–
User-defined software interrupt
10
14h
INT10
–
User-defined software interrupt
11
16h
INT11
–
User-defined software interrupt
12
18h
INT12
–
User-defined software interrupt
13
1Ah
INT13
–
User-defined software interrupt
14
1Ch
INT14
–
User-defined software interrupt
15
1Eh
INT15
–
User-defined software interrupt
16
20h
INT16
–
User-defined software interrupt
17
22h
TRAP
–
TRAP instruction vector
18
24h
NMI
3
Nonmaskable interrupt
19
26h
2
Reserved
20
28h
INT20
–
User-defined software interrupt
21
2Ah
INT21
–
User-defined software interrupt
22
2Ch
INT22
–
User-defined software interrupt
23
2Eh
INT23
–
User-defined software interrupt
24
30h
INT24
–
User-defined software interrupt
25
32h
INT25
–
User-defined software interrupt
26
34h
INT26
–
User-defined software interrupt
27
36h
INT27
–
User-defined software interrupt
28
38h
INT28
–
User-defined software interrupt
29
3Ah
INT29
–
User-defined software interrupt
30
3Ch
INT30
–
User-defined software interrupt
31
3Eh
INT31
–
User-defined software interrupt
† The K value is the operand used in an INTR instruction that branches to the corresponding
interrupt vector location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com