Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F Datasheet(PDF) 69 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 65Page - Texas Instruments TMS320F Datasheet HTML 66Page - Texas Instruments TMS320F Datasheet HTML 67Page - Texas Instruments TMS320F Datasheet HTML 68Page - Texas Instruments TMS320F Datasheet HTML 69Page - Texas Instruments TMS320F Datasheet HTML 70Page - Texas Instruments TMS320F Datasheet HTML 71Page - Texas Instruments TMS320F Datasheet HTML 72Page - Texas Instruments TMS320F Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 389 page
background image
Program-Address Generation
5-5
Program Control
plete, a return instruction transfers the return address from the top of the stack
to the program counter.
When the eight levels are not used for return addresses, the stack may be used
for saving context data during a subroutine or interrupt service routine or for
other storage purposes.
You can access the stack with two sets of instructions:
- PUSH and POP. The PUSH instruction copies the 16 LSBs of the accumu-
lator to the top of the stack. The POP instruction copies the value on the
top of the stack to the 16 LSBs of the accumulator.
- PSHD and POPD. These instructions allow you to build a stack in data
memory for the nesting of subroutines or interrupts beyond eight levels.
The PSHD instruction pushes a data-memory value onto the top of the
stack. The POPD instruction pops a value from the top of the stack to data
memory.
Whenever a value is pushed onto the top of the stack (by an instruction or by
the address-generation logic), the content of each level is pushed down one
level, and the bottom (eighth) location of the stack is lost. Therefore, data is
lost (stack overflow occurs) if more than eight successive pushes occur before
a pop. Figure 5–2 shows a push operation.
Figure 5–2. A Push Operation
Before Instruction
After Instruction
Accumulator
Accumulator
or memory
7h
or memory
7h
location
location
2h
7h
5h
2h
Stack
3h
Stack
5h
0h
3h
12h
0h
86h
12h
54h
86h
3Fh
54h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com