Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 17Page - Texas Instruments TMS320F Datasheet HTML 18Page - Texas Instruments TMS320F Datasheet HTML 19Page - Texas Instruments TMS320F Datasheet HTML 20Page - Texas Instruments TMS320F Datasheet HTML 21Page - Texas Instruments TMS320F Datasheet HTML 22Page - Texas Instruments TMS320F Datasheet HTML 23Page - Texas Instruments TMS320F Datasheet HTML 24Page - Texas Instruments TMS320F Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 389 page
background image
TMS320 Family Overview
1-4
Figure 1–2. TMS320 Device Nomenclature
PREFIX
TEMPERATURE RANGE (DEFAULT: 0
°C TO 70°C)
TMS 320
F 240
PGE (L)
TMX = experimental device
TMP = prototype device
TMS = qualified device
DEVICE FAMILY
320 = TMS320 Family
TECHNOLOGY
L= 0
°C to 70°C
A= – 40
°C to 85°C
S= – 40
°C to 125°C
Q= – 40
°C to 125°C, Q 100 Fault Grading
PACKAGE TYPE†
PAG = 64-pin plastic TQFP
PGE = 144-pin plastic QFP
PZ
= 100-pin plastic TQFP
C = CMOS
E = CMOS EPROM
F = Flash EEPROM
LC = Low-voltage CMOS (3.3 V)
LF = Flash EPROM (3.3 V)
VC = Low-voltage CMOS (3 V)
DEVICE
’20x DSP
203
206
209
’24x DSP
240
241
242
243
(B)
BOOT-LOADER OPTION
† PLCC = Plastic J-Leaded Chip Carrier
QFP
=
Quad Flatpack
TQFP =
Thin Quad Flatpack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com