Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F Datasheet(PDF) 63 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 59Page - Texas Instruments TMS320F Datasheet HTML 60Page - Texas Instruments TMS320F Datasheet HTML 61Page - Texas Instruments TMS320F Datasheet HTML 62Page - Texas Instruments TMS320F Datasheet HTML 63Page - Texas Instruments TMS320F Datasheet HTML 64Page - Texas Instruments TMS320F Datasheet HTML 65Page - Texas Instruments TMS320F Datasheet HTML 66Page - Texas Instruments TMS320F Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 389 page
background image
External Memory Interface Operation
4-19
Central Processing Unit
The R/W signal goes high at least one-half cycle of CLKOUT before any read
cycle; for contiguous read cycles, STRB stays low. At the end of a read cycle
or sequence of reads, STRB and RD go high on the falling edge of CLKOUT.
Write cycles always have at least one inactive (pad) cycle of CLKOUT before
and after the actual write operation, including contiguous writes. This allows
a smooth transition between the write and any adjacent bus operations or oth-
er writes. For this pad cycle, STRB and WE are always high. The R/W signal
always changes state on the rising edge of CLKOUT during the pad cycle be-
fore and after a write or series of writes. This prevents bus contention during
a transition between read and write operations. Note that for a series of writes,
R/W stays low.
Timing of valid addresses for writes differs, depending on what activities occur
before and after the write. Between writes, and for the first and last write in a
series, ADDRESS becomes valid on the rising edge of CLKOUT. If a read im-
mediately follows a write or series of writes, ADDRESS becomes valid for that
read cycle one half-cycle of CLKOUT early — that is, on the rising edge, rather
than on the falling edge, of CLKOUT. This is an exception to the usual read
cycle address timing.
For the actual write operation, STRB and WE both go low on the falling edge
of CLKOUT and stay low until the next falling edge of CLKOUT (for 0-wait-state
write cycles). For 1-wait-state (multicycle) writes, STRB and WE remain low
but go high again on the falling edge of CLKOUT at the beginning of the pad
cycle.
Write data is driven approximately at the falling edge of STRB and WE
and is held for approximately one half-cycle of CLKOUT after STRB and WE
go high (refer to the TMS320C24x data sheet for actual timing specifications).
Transitions on the external parallel interface control outputs (CLKOUT, STRB,
WE, and RD) are all initiated by the same internal clocks. Since these signals
also use the same output buffer circuitry, they all switch within close tolerances
of each other, as specified in the TMS320C24x data sheet.
Transitions on the address bus and other related outputs (IS, PS, DS, R/W, and
BR) are initiated by the same internal signals that cause transitions on the con-
trol outputs; however, the internal device logic that generates these outputs is
different from the circuitry used for the control outputs. Therefore, transitions
on the address bus and related outputs typically occur later than control-line
transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com