Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F080A Datasheet(PDF) 26 Page - SPANSION

Part # MBM29F080A
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A Datasheet(HTML) 26 Page - SPANSION

Back Button MBM29F080A Datasheet HTML 22Page - SPANSION MBM29F080A Datasheet HTML 23Page - SPANSION MBM29F080A Datasheet HTML 24Page - SPANSION MBM29F080A Datasheet HTML 25Page - SPANSION MBM29F080A Datasheet HTML 26Page - SPANSION MBM29F080A Datasheet HTML 27Page - SPANSION MBM29F080A Datasheet HTML 28Page - SPANSION MBM29F080A Datasheet HTML 29Page - SPANSION MBM29F080A Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
MBM29F080A-55/-70/-90
25
(Continued)
*1 : This does not include the preprogramming time.
*2 : This timing is for Sector Protection operation.
s
s
s
s ERASE AND PROGRAMMING PERFORMANCE
s TSOP(1) PIN CAPACITANCE
Note : Test conditions TA =
+25°C, f = 1.0 MHz
s SOP PIN CAPACITANCE
Notes :
• Sampled, not 100% tested.
• Test conditions TA = +25°C, f = 1.0 MHz
Description
Symbol
MBM29F080A
Unit
JEDEC Standard
-55
-70
-90
Min Typ Max
Min Typ Max
Min
Typ Max
RESET Pulse Width
—
tRP
500 —
—
500
—
—
500
—
—
ns
RESET Hold Time Before Read
—
tRH
50
—
—
50
—
—
50
—
—
ns
Program/Erase Valid to RY/BY Delay
—
tBUSY
—
—
55
—
—
70
—
—
90
ns
Delay Time from Embedded Output
Enable
—tEOE
—
—
30
—
—
30
—
—
40
ns
Parameter
Limits
Unit
Comments
Min
Typ
Max
Sector Erase Time
—
1
8
s
Excludes 00h programming
prior to erasure
Byte Programming Time
—
8
150
µs
Excludes system-level
overhead
Chip Programming Time
—
8.4
20
s
Excludes system-level
overhead
Erase/Program Cycle
100,000
—
—
cycle
Parameter
Symbol
Test Setup
Typ
Max
Unit
Input Capacitance
CIN
VIN = 0
8
10
pF
Output Capacitance
COUT
VOUT = 0
8
10
pF
Control Pin Capacitance
CIN2
VIN = 0
9
10
pF
Parameter
Symbol
Test Setup
Typ
Max
Unit
Input Capacitance
CIN
VIN = 0
8
10.5
pF
Output Capacitance
COUT
VOUT = 0
8
10
pF
Control Pin Capacitance
CIN2
VIN = 0
9.5
11
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com