Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F080A Datasheet(PDF) 8 Page - SPANSION

Part # MBM29F080A
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A Datasheet(HTML) 8 Page - SPANSION

Back Button MBM29F080A Datasheet HTML 4Page - SPANSION MBM29F080A Datasheet HTML 5Page - SPANSION MBM29F080A Datasheet HTML 6Page - SPANSION MBM29F080A Datasheet HTML 7Page - SPANSION MBM29F080A Datasheet HTML 8Page - SPANSION MBM29F080A Datasheet HTML 9Page - SPANSION MBM29F080A Datasheet HTML 10Page - SPANSION MBM29F080A Datasheet HTML 11Page - SPANSION MBM29F080A Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
MBM29F080A-55/-70/-90
7
s
s
s
s FLEXIBLE SECTOR-ERASE ARCHITECTURE
MBM29F080A User Bus Operations Table
Legend: L = VIL, H = VIH, X = VIL or VIH,
= Pulse Input. See DC Characteristics for voltage levels.
*1 : Manufacturer and device codes may also be accessed via a command register write sequence. Refer to
“MBM29F080A Command Definitions Table” in “sFLEXIBLE SECTOR-ERASE ARCHITECTURE”.
*2 : Refer to the section on Sector Group Protection.
*3 : WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
MBM29F080A Sector Protection Verify Autoselect Codes Table
* : Outputs 01h at protected sector addresses and outputs 00h at unprotected sector addresses.
Operation
CE
OE
WE
A0
A1
A6
A9
DQ0 to DQ7
RESET
Auto-Select Manufacturer Code *1
LL
H
L
LL
VID
Code
H
Auto-Select Device Code *1
LL
H
H
LL
VID
Code
H
Read *3
LL
H
A0
A1
A6
A9
DOUT
H
Standby
H
XXXXXX
High-Z
H
Output Disable
L
H
H
XXXX
High-Z
H
Write (Program/Erase)
L
H
L
A0
A1
A6
A9
DIN
H
Enable Sector Group Protection *2
LVID
XXX
VID
XH
Verify Sector Group Protection *2
L
L
HLHL
VID
Code
H
Temporary Sector Group Unprotection
X
X
X
X
X
X
X
X
VID
Reset (Hardware)
X
X
X
X
X
X
X
High-Z
L
Type
A17 to A19
A6
A1
A0
Code
(HEX) DQ
7
DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0
Manufacture’s
Code
XXX
VIL
VIL
VIL
04h
00000100
Device Code
X
X
X
VIL
VIL
VIH
D5h
10101101
Sector Group
Protection
Sector Group
Addresses
VIL
VIH
VIL
01h*
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com