Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F080A Datasheet(PDF) 25 Page - SPANSION

Part # MBM29F080A
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A Datasheet(HTML) 25 Page - SPANSION

Back Button MBM29F080A Datasheet HTML 21Page - SPANSION MBM29F080A Datasheet HTML 22Page - SPANSION MBM29F080A Datasheet HTML 23Page - SPANSION MBM29F080A Datasheet HTML 24Page - SPANSION MBM29F080A Datasheet HTML 25Page - SPANSION MBM29F080A Datasheet HTML 26Page - SPANSION MBM29F080A Datasheet HTML 27Page - SPANSION MBM29F080A Datasheet HTML 28Page - SPANSION MBM29F080A Datasheet HTML 29Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
MBM29F080A-55/-70/-90
24
•
Write/Erase/Program Operations
(Continued)
Description
Symbol
MBM29F080A
Unit
JEDEC Standard
-55
-70
-90
Min Typ Max Min Typ Max Min Typ Max
Write Cycle Time
tAVAV
tWC
55
—
—
70
—
—
90
—
—
ns
Address Setup Time
tAVWL
tAS
0—
—
0
—
—
0
—
—
ns
Address Hold Time
tWLAX
tAH
40
—
—
45
—
—
45
—
—
ns
Data Setup Time
tDVWH
tDS
25
—
—
30
—
—
45
—
—
ns
Data Hold Time
tWHDX
tDH
0—
—
0
—
—
0
—
—
ns
Output Enable Setup Time
—
tOES
0—
—
0
—
—
0
—
—
ns
Output
Enable Hold
Time
Read
—tOEH
0—
—
0
—
—
0
—
—
ns
Toggle Bit I and
Data Polling
10
—
—
10
—
—
10
—
—
ns
Read Recover Time Before Write
tGHWL
tGHWL
0—
—
0
—
—
0
—
—
ns
Read Recover Time Before Write
tGHEL
tGHEL
0—
—
0
—
—
0
—
—
ns
CE Setup Time
tELWL
tCS
0—
—
0
—
—
0
—
—
ns
WE Setup Time
tWLEL
tWS
0—
—
0
—
—
0
—
—
ns
CE Hold Time
tWHEH
tCH
0—
—
0
—
—
0
—
—
ns
WE Hold Time
tEHWH
tWH
0—
—
0
—
—
0
—
—
ns
Write Pulse Width
tWLWH
tWP
30
—
—
35
—
—
45
—
—
ns
Write Pulse Width
tELEH
tCP
30
—
—
35
—
—
45
—
—
ns
Write Pulse Width High
tWHWL
tWPH
20
—
—
20
—
—
20
—
—
ns
Write Pulse Width High
tEHEL
tCPH
20
—
—
20
—
—
20
—
—
ns
Byte Programming Operation
tWHWH1
tWHWH1
—8—
—
8
—
—
8
—
µs
Sector Erase Operation *1
tWHWH2
tWHWH2
—1—
—
1
—
—
1
—
s
——
8
—
—
8
—
—
8
s
VCC Setup Time
—
tVCS
50
—
—
50
—
—
50
—
—
µs
Rise Time to VID
—tVIDR
500
—
—
500 —
—
500
—
—
ns
Voltage Transition Time *2
—tVLHT
4—
—
4
—
—
4
—
—
µs
Write Pulse Width *2
—tWPP
100
—
—
100 —
—
100
—
—
µs
OE Setup Time to WE Active *2
—tOESP
4—
—
4
—
—
4
—
—
µs
CE Setup Time to WE Active *2
—tCSP
4—
—
4
—
—
4
—
—
µs
Recover Time from RY/BY
—tRB
0—
—
0
—
—
0
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com