Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F080A Datasheet(PDF) 40 Page - SPANSION

Part # MBM29F080A
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A Datasheet(HTML) 40 Page - SPANSION

Back Button MBM29F080A Datasheet HTML 36Page - SPANSION MBM29F080A Datasheet HTML 37Page - SPANSION MBM29F080A Datasheet HTML 38Page - SPANSION MBM29F080A Datasheet HTML 39Page - SPANSION MBM29F080A Datasheet HTML 40Page - SPANSION MBM29F080A Datasheet HTML 41Page - SPANSION MBM29F080A Datasheet HTML 42Page - SPANSION MBM29F080A Datasheet HTML 43Page - SPANSION MBM29F080A Datasheet HTML 44Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
MBM29F080A-55/-70/-90
39
s
s
s
s ORDERING INFORMATION
Part No.
Package
Access Time
Remarks
MBM29F080A-55PTN
MBM29F080A-70PTN
MBM29F080A-90PTN
40-pin plastic TSOP(1)
(FPT-40P-M06)
(Normal Bend)
55
70
90
MBM29F080A-55PTR
MBM29F080A-70PTR
MBM29F080A-90PTR
40-pin plastic TSOP(1)
(FPT-40P-M07)
(Reverse Bend)
55
70
90
MBM29F080A-55PFTN
MBM29F080A-70PFTN
MBM29F080A-90PFTN
48-pin plastic TSOP(1)
(FPT-48P-M19)
(Normal Bend)
55
70
90
MBM29F080A-55PFTR
MBM29F080A-70PFTR
MBM29F080A-90PFTR
48-pin plastic TSOP(1)
(FPT-48P-M20)
(Reverse Bend)
55
70
90
MBM29F080A-55PF
MBM29F080A-70PF
MBM29F080A-90PF
44-pin plastic SOP
(FPT-44P-M16)
55
70
90
MBM29F080A
-55
PFTN
DEVICE NUMBER/DESCRIPTION
MBM29F080A
8 Mega-bit (1 M
× 8-Bit) CMOS Flash Memory
5.0 V-only Read, Write, and Erase
64 K Byte (16 Sectors)
PACKAGE TYPE
PFTN = 48-Pin Thin Small Outline Package
(TSOP(1) Standard Pinout )
PFTR = 48-Pin Thin Small Outline Package
(TSOP(1) Reverse Pinout)
PTN
= 40-Pin Thin Small Outline Package
(TSOP(1) Standard Pinout )
PTR
= 40-Pin Thin Small Outline Package
(TSOP(1) Reverse Pinout)
PF
= 44-Pin Small Outline Package
(SOP Standard Pinout)
SPEED OPTION
See Product Selector Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com