Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F080A Datasheet(PDF) 19 Page - SPANSION

Part # MBM29F080A
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A Datasheet(HTML) 19 Page - SPANSION

Back Button MBM29F080A Datasheet HTML 15Page - SPANSION MBM29F080A Datasheet HTML 16Page - SPANSION MBM29F080A Datasheet HTML 17Page - SPANSION MBM29F080A Datasheet HTML 18Page - SPANSION MBM29F080A Datasheet HTML 19Page - SPANSION MBM29F080A Datasheet HTML 20Page - SPANSION MBM29F080A Datasheet HTML 21Page - SPANSION MBM29F080A Datasheet HTML 22Page - SPANSION MBM29F080A Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
MBM29F080A-55/-70/-90
18
If Data Polling or the Toggle Bit I indicates the device has been written with a valid erase command, DQ3 may
be used to determine if the sector erase timer window is still open. If DQ3 is high (“1”) the internally controlled
erase cycle has begun; attempts to write subsequent commands (other than Erase Suspend) to the device will
be ignored until the erase operation is completed as indicated by Data Polling or Toggle Bit I. If DQ3 is low (“0”),
the device will accept additional sector erase commands. To insure the command has been accepted, the system
software should check the status of DQ3 prior to and following each subsequent sector erase command. If DQ3
were high on the second status check, the command may not have been accepted.
Refer to “Hardware Sequence Flags Table” in “sFLEXIBLE SECTOR-ERASE ARCHITECTURE”.
DQ2
Toggle Bit II
This toggle bit II, along with DQ6, can be used to determine whether the device is in the Embedded Erase™
Algorithm or in Erase Suspend.
Successive reads from the erasing sector will cause DQ2 to toggle during the Embedded Erase™ Algorithm. If
the device is in the erase-suspended-read mode, successive reads from the erase-suspended sector will cause
DQ2 to toggle. When the device is in the erase-suspended-program mode, successive reads from the byte
address of the non-erase suspended sector will indicate a logic “1” at the DQ2 bit.
*1 : These status flags apply when outputs are read from a sector that has been erase-suspended.
*2 : These status flags apply when outputs are read from the byte address of the non-erase suspended sector.
DQ6 is different from DQ2 in that DQ6 toggles only when the standard program or Erase, or Erase Suspend
Program operation is in progress. The behavior of these two status bits, along with that of DQ7, is summarized
as follows:
For example, DQ2 and DQ6 can be used together to determine the erase-suspend-read mode (DQ2 toggles while
DQ6 does not). See also “Hardware Sequence Flags Table” in “sFLEXIBLE SECTOR-ERASE ARCHITECTURE”
and “DQ2 vs. DQ6” in “sTIMING DIAGRAM”.
Furthermore, DQ2 can also be used to determine which sector is being erased. When the device is in the erase
mode, DQ2 toggles if this bit is read from the erasing sector.
RY/BY
Ready/Busy
The MBM29F080A provides a RY/BY open-drain output pin as a way to indicate to the host system that the
Embedded Algorithms are either in progress or has been completed. If the output is low, the device is busy with
either a program or erase operation. If the output is high, the device is ready to accept any read/write or erase
operation. When the RY/BY pin is low, the device will not accept any additional program or erase commands
with the exception of the Erase Suspend command. If the MBM29F080A is placed in an Erase Suspend mode,
the RY/BY output will be high, by means of connecting with a pull-up resistor to VCC.
Mode
DQ7
DQ6
DQ2
Program
DQ7
toggles
1
Erase
0
toggles
toggles
Erase Suspend Read *1
(Erase-Suspended Sector)
1
1
toggles
Erase Suspend Program
DQ7 *2
toggles
1 *2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com