Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F080A Datasheet(PDF) 6 Page - SPANSION

Part # MBM29F080A
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A Datasheet(HTML) 6 Page - SPANSION

Back Button MBM29F080A Datasheet HTML 2Page - SPANSION MBM29F080A Datasheet HTML 3Page - SPANSION MBM29F080A Datasheet HTML 4Page - SPANSION MBM29F080A Datasheet HTML 5Page - SPANSION MBM29F080A Datasheet HTML 6Page - SPANSION MBM29F080A Datasheet HTML 7Page - SPANSION MBM29F080A Datasheet HTML 8Page - SPANSION MBM29F080A Datasheet HTML 9Page - SPANSION MBM29F080A Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
MBM29F080A-55/-70/-90
5
(Continued)
Pin Name
Function
A19 to A0
Address Inputs
DQ0 to DQ7
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RY/BY
Ready/Busy Output
RESET
Hardware Reset Pin/Sector Protection Unlock
N.C.
No Internal Connection
VSS
Device Ground
VCC
Device Power Supply (5.0 V ±10%)
A19
A18
A17
A16
A15
A14
RESET
A11
A10
A9
A8
A7
A6
A5
A4
N.C.
OE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
A0
A1
A2
A3
A4
A5
A6
A7
A12
A15
A16
A18
VCC
CE
A17
A14
A13
A8
A9
A10
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
DQ3
DQ4
DQ5
DQ6
DQ7
WE
N.C.
OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
33
34
35
36
21
22
23
24
25
26
27
28
29
30
31
32
MBM29F080A
Normal Bend
MBM29F080A
Reverse Bend
TSOP(I)
FPT-40P-M06
FPT-40P-M07
Marking Side
Marking Side
A13
A12
CE
VCC
N.C.
17
18
19
20
36
35
34
33
40
39
38
37
VSS
VSS
VCC
RY/BY
WE
N.C.
A11
RESET
N.C.
A19
20
19
18
17
37
38
39
40
VSS
VCC
RY/BY
N.C.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
32
31
30
29
28
44
43
42
41
36
35
34
33
40
39
38
37
27
26
25
24
23
RESET
N.C.
A11
A10
A9
A8
A7
A6
A5
A4
N.C.
N.C.
SOP
FPT-44P-M16
VCC
CE
A19
A18
A17
A16
A15
A14
A13
A12
N.C.
N.C.
N.C.
N.C.
WE
OE
RY/BY
DQ7
DQ6
DQ5
DQ4
VCC
A0
A1
A2
A3
DQ3
DQ2
DQ1
DQ0
VSS
VSS
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com