Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F080A Datasheet(PDF) 13 Page - SPANSION

Part # MBM29F080A
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A Datasheet(HTML) 13 Page - SPANSION

Back Button MBM29F080A Datasheet HTML 9Page - SPANSION MBM29F080A Datasheet HTML 10Page - SPANSION MBM29F080A Datasheet HTML 11Page - SPANSION MBM29F080A Datasheet HTML 12Page - SPANSION MBM29F080A Datasheet HTML 13Page - SPANSION MBM29F080A Datasheet HTML 14Page - SPANSION MBM29F080A Datasheet HTML 15Page - SPANSION MBM29F080A Datasheet HTML 16Page - SPANSION MBM29F080A Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
MBM29F080A-55/-70/-90
12
The Autoselect mode also facilitates the determination of sector group protection in the system. By performing
a read operation at the address location XX02h with the higher order address bits A17, A18 and A19 set to the
desired sector group address, the device will return 01h for a protected sector group and 00h for a non-protected
sector group.
Write
Device erasure and programming are accomplished via the command register. The contents of the register serve
as inputs to the internal state machine. The state machine outputs dictate the function of the device.
The command register itself does not occupy any addressable memory location. The register is a latch used to
store the commands, along with the address and data information needed to execute the command. The
command register is written by bringing WE to VIL, while CE is at VIL and OE is at VIH. Addresses are latched on
the falling edge of WE or CE, whichever happens later; while data is latched on the rising edge of WE or CE,
whichever happens first. Standard microprocessor write timings are used.
Refer to AC Write Characteristics and the Erase/Programming Waveforms for specific timing parameters.
Sector Group Protection
The MBM29F080A features hardware sector group protection. This feature will disable both program and erase
operations in any combination of eight sector groups of memory. Each sector group consists of four adjacent
sectors grouped in the following pattern: sectors
0-1, 2-3, 4-5, 6-7, 8-9, 10-11, 12-13, and 14-15 (see “Sector
Group Address Table” in “sFLEXIBLE SECTOR-ERASE ARCHITECTURE”). The sector group protection feature
is enabled using programming equipment at the user's site. The device is shipped with all sector groups
unprotected.
To activate this mode, the programming equipment must force VID on address pin A9 and control pin OE, (suggest
VID = 11.5 V), CE = VIL. The sector addresses (A19, A18, and A17) should be set to the sector to be protected.
“Sector Address Table” and “Sector Group Address Table” in “sFLEXIBLE SECTOR-ERASE ARCHITECTURE”
define the sector address for each of the thirty two (16) individual sectors, and the sector group address for each
of the eight (8) individual group sectors. Programming of the protection circuitry begins on the falling edge of
the WE pulse and is terminated with the rising edge of the same. Sector addresses must be held constant during
the WE pulse. See “Temporary Sector Group Unprotection Timing Diagram” in “sTIMING DIAGRAM” and
“Temporary Sector Group Unprotection Algorithm” in “sFLOW CHART” for sector protection waveforms and
algorithm.
To verify programming of the protection circuitry, the programming equipment must force VID on address pin A9
with CE and OE at VIL and WE at VIH. Scanning the sector addresses (A19, A18, and A17) while (A6, A1, A0) = (0,
1, 0) will produce a logical “1” code at device output DQ0 for a protected sector. Otherwise the device will produce
00h for unprotected sector. In this mode, the lower order addresses, except for A0, A1, and A6 are DON’T CARES.
Address locations with A1 = VIL are reserved for Autoselect manufacturer and device codes.
It is also possible to determine if a sector group is protected in the system by writing an Autoselect command.
Performing a read operation at the address location XX02h, where the higher order addresses (A19, A18, and
A17) are the desired sector group address will produce a logical “1” at DQ0 for a protected sector group. See
“MBM29F080A Sector Protection Verify Autoselect Codes Table” in “sFLEXIBLE SECTOR-ERASE ARCHITEC-
TURE” for Autoselect codes.
Temporary Sector Group Unprotection
This feature allows temporary unprotection of previously protected sector groups of the MBM29F080A device
in order to change data. The Sector Group Unprotection mode is activated by setting the RESET pin to high
voltage (12 V). During this mode, formerly protected sector groups can be programmed or erased by selecting
the sector group addresses. Once the 12 V is taken away from the RESET pin, all the previously protected sector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com