Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F080A Datasheet(PDF) 23 Page - SPANSION

Part # MBM29F080A
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A Datasheet(HTML) 23 Page - SPANSION

Back Button MBM29F080A Datasheet HTML 19Page - SPANSION MBM29F080A Datasheet HTML 20Page - SPANSION MBM29F080A Datasheet HTML 21Page - SPANSION MBM29F080A Datasheet HTML 22Page - SPANSION MBM29F080A Datasheet HTML 23Page - SPANSION MBM29F080A Datasheet HTML 24Page - SPANSION MBM29F080A Datasheet HTML 25Page - SPANSION MBM29F080A Datasheet HTML 26Page - SPANSION MBM29F080A Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
MBM29F080A-55/-70/-90
22
s
s
s
s DC CHARACTERISTICS
*1 : The ICC current listed includes both the DC operating current and the frequency dependent component
(at 6 MHz). The frequency component typically is 2 mA/MHz, with OE at VIH.
*2 : ICC active while Embedded Algorithm (program or erase) is in progress.
*3 : Applicable to sector protection function.
*4 : (VID – VCC) do not exceed 9 V.
Parameter
Symbol
Test Conditions
Min
Max
Unit
Input Leakage Current
ILI
VIN = VSS to VCC, VCC = VCC Max
—
±1.0
µA
Output Leakage Current
ILO
VOUT = VSS to VCC,
VCC = VCC Max
—±1.0
µA
A9, OE, RESET Inputs Leakage
Current
ILIT
VCC = VCC Max
A9, OE, RESET = 12.5 V
—50
µA
VCC Active Current *1
ICC1
CE = VIL, OE = VIH
—40
mA
VCC Active Current *2
ICC2
CE = VIL, OE = VIH
—45
mA
VCC Current (Standby)
ICC3
VCC = VCC Max, CE = VIH,
RESET = VIH
—1
mA
VCC = VCC Max, CE = VCC ±0.3 V,
RESET = VCC ±0.3 V
—5
µA
VCC Current (Standby, Reset)
ICC4
VCC = VCC Max,
RESET = VIL
—1
mA
VCC = VCC Max,
RESET = VSS ±0.3 V
—5
µA
Input Low Level
VIL
—–0.5
0.8
V
Input High Level
VIH
—2.0
VCC+0.5
V
Voltage for Autoselect and Sector
Protection (A9, OE, RESET) *3, *4
VID
—11.5
12.5
V
Output Low Voltage Level
VOL
IOL = 12.0 mA, VCC = VCC Min
—
0.45
V
Output High Voltage Level
VOH1
IOH = –2.5 mA, VCC = VCC Min
2.4
—
V
VOH2
IOH = –100
µAVCC–0.4
—
V
Low VCC Lock-Out Voltage
VLKO
—3.2
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com