Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F080A Datasheet(PDF) 18 Page - SPANSION

Part # MBM29F080A
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A Datasheet(HTML) 18 Page - SPANSION

Back Button MBM29F080A Datasheet HTML 14Page - SPANSION MBM29F080A Datasheet HTML 15Page - SPANSION MBM29F080A Datasheet HTML 16Page - SPANSION MBM29F080A Datasheet HTML 17Page - SPANSION MBM29F080A Datasheet HTML 18Page - SPANSION MBM29F080A Datasheet HTML 19Page - SPANSION MBM29F080A Datasheet HTML 20Page - SPANSION MBM29F080A Datasheet HTML 21Page - SPANSION MBM29F080A Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
MBM29F080A-55/-70/-90
17
The Data Polling feature is only active during the Embedded Programming Algorithm, Embedded Erase
Algorithm, Erase Suspend, erase-suspend-program mode, or sector erase time-out. (See “Hardware Sequence
Flags Table” in “sFLEXIBLE SECTOR-ERASE ARCHITECTURE”.)
See “AC Waveforms for Data Polling during Embedded Algorithm Operations” in “sTIMING DIAGRAM” for the
Data Polling timing specifications and diagrams.
DQ6
Toggle Bit I
The MBM29F080A also features the “Toggle Bit I” as a method to indicate to the host system that the embedded
algorithms are in progress or completed.
During an Embedded Program or Erase Algorithm cycle, successive attempts to read (OE toggling) data from
the device
at any address will result in DQ6 toggling between one and zero. Once the Embedded Program or
Erase Algorithm cycle is completed, DQ6 will stop toggling and valid data will be read on
the next successive
attempts. During programming, the Toggle Bit I is valid after the rising edge of the fourth WE pulse in the four
write pulse sequence. For chip erase, and sector erase the Toggle Bit I is valid after the rising edge of the sixth
WE pulse in the six write pulse sequence. For Sector Erase, the Toggle Bit I is valid after the last rising edge of
the sector erase WE pulse. The Toggle Bit I is active during the sector erase time out.
In programming, if the sector being written to is protected, the Toggle Bit I will toggle for about 2
µs and then
stop toggling without the data having changed. In erase, the device will erase all the selected sectors except for
the ones that are protected. If all selected sectors are protected, the chip will toggle the Toggle Bit I for about
100
µs and then drop back into read mode, having changed none of the data.
Either CE or OE toggling will cause the DQ6 to toggle. In addition, an Erase Suspend/Resume command will
cause DQ6 to toggle.
See “AC Waveforms for Toggle Bit I during Embedded Algorithm Operations” in “sTIMING DIAGRAM” for the
Toggle Bit I timing specifications and diagrams.
DQ5
Exceeded Timing Limits
DQ5 will indicate if the program or erase time has exceeded the specified limits (internal pulse count). Under
these conditions DQ5 will produce a “1”. This is a failure condition which indicates that the program or erase
cycle was not successfully completed. Data Polling DQ7, DQ6 is the only operating function of the device under
this condition. The CE circuit will partially power down the device under these conditions (to approximately 2
mA). The OE and WE pins will control the output disable functions as described in “MBM29F080A User Bus
Operations Table” in “sFLEXIBLE SECTOR-ERASE ARCHITECTURE”.
The DQ5 failure condition may also appear if a user tries to program a 1 to a location that is previously programmed
to 0. In this case the device locks out and never completes the Embedded Algorithm operation. Hence, the
system never reads a valid data on DQ7 bit and DQ6 never stops toggling. Once the device has exceeded timing
limits, the DQ5 bit will indicate a “1.” Please note that this is not a device failure condition since the device was
incorrectly used. If this occurs, reset the device.
DQ3
Sector Erase Timer
After the completion of the initial sector erase command sequence the sector erase time-out will begin. DQ3 will
remain low until the time-out is complete. Data Polling and Toggle Bit I are valid after the initial sector erase
command sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com