Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F080A Datasheet(PDF) 2 Page - SPANSION

Part # MBM29F080A
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A Datasheet(HTML) 2 Page - SPANSION

  MBM29F080A Datasheet HTML 1Page - SPANSION MBM29F080A Datasheet HTML 2Page - SPANSION MBM29F080A Datasheet HTML 3Page - SPANSION MBM29F080A Datasheet HTML 4Page - SPANSION MBM29F080A Datasheet HTML 5Page - SPANSION MBM29F080A Datasheet HTML 6Page - SPANSION MBM29F080A Datasheet HTML 7Page - SPANSION MBM29F080A Datasheet HTML 8Page - SPANSION MBM29F080A Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
DS05-20850-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
FLASH MEMORY
CMOS
8M (1M
× 8) BIT
MBM29F080A-55/-70/-90
s
s
s
s GENERAL DESCRIPTION
The MBM29F080A is a 8 M-bit, 5.0 V-Only Flash memory organized as 1 M bytes of 8 bits each. The 1 M bytes
of data is divided into 16 sectors of 64 K bytes for flexible erase capability. The 8 bit of data will appear on DQ0
to DQ7. The MBM29F080A is offered in a 48-pin TSOP(I), 40-pin TSOP, and 44-pin SOP packages. This device
is designed to be programmed in-system with the standard system 5.0 V VCC supply. A 12.0 V VPP is not required
for program or erase operations. The device can also be reprogrammed in standard EPROM programmers.
The standard MBM29F080A offers access times between 55 ns and 90 ns allowing operation of high-speed
microprocessors without wait states. To eliminate bus contention the device has separate chip enable (CE), write
enable (WE), and output enable (OE) controls.
The MBM29F080A is command set compatible with JEDEC standard E2PROMs. Commands are written to the
command register using standard microprocessor write timings. Register contents serve as input to an internal
state-machine which controls the erase and programming circuitry. Write cycles also internally latch addresses
and data needed for the programming and erase operations. Reading data out of the device is similar to reading
from 12.0 V Flash or EPROM devices.
The MBM29F080A is programmed by executing the program command sequence. This will invoke the Embedded
Program Algorithm which is an internal algorithm that automatically times the program pulse widths and verifies
proper cell margin. Each sector can be programmed and verified in less than 0.5 seconds. Erase is accomplished
by executing the erase command sequence. This will invoke the Embedded Erase Algorithm which is an internal
algorithm that automatically preprograms the array if it is not already programmed before executing the erase
operation. During erase, the device automatically times the erase pulse widths and verifies proper cell margin.
(Continued)
s
s
s
s PRODUCT LINE UP
Part No.
MBM29F080A
Ordering Part No.
VCC = 5.0 V ±5%
-55
—
—
VCC = 5.0 V ±10%
—
-70
-90
Max Address Access Time (ns)
55
70
90
Max CE Access Time (ns)
55
70
90
Max OE Access Time (ns)
30
30
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com