Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F080A Datasheet(PDF) 12 Page - SPANSION

Part # MBM29F080A
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A Datasheet(HTML) 12 Page - SPANSION

Back Button MBM29F080A Datasheet HTML 8Page - SPANSION MBM29F080A Datasheet HTML 9Page - SPANSION MBM29F080A Datasheet HTML 10Page - SPANSION MBM29F080A Datasheet HTML 11Page - SPANSION MBM29F080A Datasheet HTML 12Page - SPANSION MBM29F080A Datasheet HTML 13Page - SPANSION MBM29F080A Datasheet HTML 14Page - SPANSION MBM29F080A Datasheet HTML 15Page - SPANSION MBM29F080A Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
MBM29F080A-55/-70/-90
11
s
s
s
s FUNCTIONAL DESCRIPTION
Read Mode
The MBM29F080A has two control functions which must be satisfied in order to obtain data at the outputs. CE
is the power control and should be used for a device selection. OE is the output control and should be used to
gate data to the output pins if a device is selected.
Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable
access time (tCE) is the delay from stable addresses and stable CE to valid data at the output pins. The output
enable access time is the delay from the falling edge of OE to valid data at the output pins (assuming the
addresses have been stable for at least tACC-tOE time).
Standby Mode
There are two ways to implement the standby mode on the MBM29F080A device, one using both the CE and
RESET pins; the other via the RESET pin only.
When using both pins, a CMOS standby mode is achieved with CE and RESET inputs both held at VCC ±0.3 V.
Under this condition the current consumed is less than 5
µA. A TTL standby mode is achieved with CE and
RESET pins held at VIH. Under this condition the current is reduced to approximately 1 mA. During Embedded
Algorithm operation, VCC Active current (ICC2) is required even CE = VIH. The device can be read with standard
access time (tCE) from either of these standby modes.
When using the RESET pin only, a CMOS standby mode is achieved with RESET input held at VSS ±0.3 V
(CE = “H” or “L”). Under this condition the current consumed is less than 5
µA. A TTL standby mode is achieved
with RESET pin held at VIL (CE = “H” or “L”). Under this condition the current required is reduced to approximately
1 mA. Once the RESET pin is taken high, the device requires 500 ns of wake up time before outputs are valid
for read access.
In the standby mode the outputs are in the high impedance state, independent of the OE input.
Output Disable
With the OE input at a logic high level (VIH), output from the device is disabled. This will cause the output pins
to be in a high impedance state.
Autoselect
The autoselect mode allows the reading out of a binary code from the device and will identify its manufacturer
and type. This mode is intended for use by programming equipment for the purpose of automatically matching
the device to be programmed with its corresponding programming algorithm. This mode is functional over the
entire temperature range of the device.
To activate this mode, the programming equipment must force VID (11.5 V to 12.5 V) on address pin A9. Two
identifier bytes may then be sequenced from the device outputs by toggling address A0 from VIL to VIH. All
addresses are don't cares except A0, A1, and A6. (See “MBM29F080A Sector Protection Verify Autoselect Codes
Table” in “sFLEXIBLE SECTOR-ERASE ARCHITECTURE”.)
The manufacturer and device codes may also be read via the command register, for instances when the
MBM29F080A is erased or programmed in a system without access to high voltage on the A9 pin. The command
sequence is illustrated in “MBM29F080A Command Definitions Table” in “sFLEXIBLE SECTOR-ERASE AR-
CHITECTURE”. (Refer to Autoselect Command section.)
Byte 0 (A0 = VIL) represents the manufacturer's code (Fujitsu = 04h) and byte 1 (A0 = VIH) represents the device
identifier code for MBM29F080A = D5h. These two bytes are given in the “MBM29F080A Sector Protection
Verify Autoselect Codes Table” in “sFLEXIBLE SECTOR-ERASE ARCHITECTURE”. All identifiers for
manufactures and device will exhibit odd parity with DQ7 defined as the parity bit. In order to read the proper
device codes when executing the Autoselect, A1 must be VIL. (See “MBM29F080A Sector Protection Verify
Autoselect Codes Table” in “sFLEXIBLE SECTOR-ERASE ARCHITECTURE”.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com