Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F080A Datasheet(PDF) 16 Page - SPANSION

Part # MBM29F080A
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A Datasheet(HTML) 16 Page - SPANSION

Back Button MBM29F080A Datasheet HTML 12Page - SPANSION MBM29F080A Datasheet HTML 13Page - SPANSION MBM29F080A Datasheet HTML 14Page - SPANSION MBM29F080A Datasheet HTML 15Page - SPANSION MBM29F080A Datasheet HTML 16Page - SPANSION MBM29F080A Datasheet HTML 17Page - SPANSION MBM29F080A Datasheet HTML 18Page - SPANSION MBM29F080A Datasheet HTML 19Page - SPANSION MBM29F080A Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
MBM29F080A-55/-70/-90
15
Sector erase does
not require the user to program the device prior to erase. The device automatically programs
all memory locations in the sector(s) to be erased prior to electrical erase. When erasing a sector or sectors the
remaining unselected sectors are not affected. The system is
not required to provide any controls or timings
during these operations.
The automatic sector erase begins after the 50
µs time out from the rising edge of the WE pulse for the last
sector erase command pulse and terminates when the data on DQ7 is “1” (see Write Operation Status section)
at which time the device returns to the read mode. Data polling must be performed at an address within any of
the sectors being erased.
“Embedded EraseTM Algorithm” in “sFLOW CHART” illustrates the Embedded Erase™ Algorithm using typical
command strings and bus operations.
Erase Suspend
The Erase Suspend command allows the user to interrupt a Sector Erase operation and then perform data reads
from or programs to a sector not being erased. This command is applicable ONLY during a Sector Erase operation
which includes the time-out period for sector erase. The Erase Suspend command will be ignored if written
during the Chip Erase operation or Embedded Program Algorithm. Writing the Erase Suspend command during
the Sector Erase time-out results in immediate termination of the time-out period and suspension of the erase
operation.
Any other command written during the Erase Suspend mode will be ignored except the Erase Resume command.
Writing the Erase Resume command resumes the erase operation. The addresses are DON’T CARES when
writing the Erase Suspend or Erase Resume command.
When the Erase Suspend command is written during the Sector Erase operation, the device will take a maximum
of 15
µs to suspend the erase operation. When the device has entered the erase-suspended mode, the RY/BY
output pin and the DQ7 bit will be at logic “1”, and DQ6 will stop toggling. The user must use the address of the
erasing sector for reading DQ6 and DQ7 to determine if the erase operation has been suspended. Further writes
of the Erase Suspend command are ignored.
When the erase operation has been suspended, the device defaults to the erase-suspend-read mode. Reading
data in this mode is the same as reading from the standard read mode except that the data must be read from
sectors that have not been erase-suspended. Successively reading from the erase-suspended sector while the
device is in the erase-suspend-read mode will cause DQ2 to toggle. (See the section on DQ2.)
After entering the erase-suspend-read mode, the user can program the device by writing the appropriate
command sequence for Byte Program. This program mode is known as the erase-suspend-program mode.
Again, programming in this mode is the same as programming in the regular Byte Program mode except that
the data must be programmed to sectors that are not erase-suspended. Successively reading from the erase-
suspended sector while the device is in the erase-suspend-program mode will cause DQ2 to toggle. The end of
the erase-suspended program operation is detected by the RY/BY output pin, Data polling of DQ7, or by the
Toggle Bit I (DQ6) which is the same as the regular Byte Program operation. Note that DQ7 must be read from
the Byte Program address while DQ6 can be read from any address.
To resume the operation of Sector Erase, the Resume command (30h) should be written. Any further writes of
the Resume command at this point will be ignored. Another Erase Suspend command can be written after the
chip has resumed erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com