Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F080A Datasheet(PDF) 10 Page - SPANSION

Part # MBM29F080A
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A Datasheet(HTML) 10 Page - SPANSION

Back Button MBM29F080A Datasheet HTML 6Page - SPANSION MBM29F080A Datasheet HTML 7Page - SPANSION MBM29F080A Datasheet HTML 8Page - SPANSION MBM29F080A Datasheet HTML 9Page - SPANSION MBM29F080A Datasheet HTML 10Page - SPANSION MBM29F080A Datasheet HTML 11Page - SPANSION MBM29F080A Datasheet HTML 12Page - SPANSION MBM29F080A Datasheet HTML 13Page - SPANSION MBM29F080A Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
MBM29F080A-55/-70/-90
9
MBM29F080A Command Definitions Table
Notes :
• Address bits A11 to A19 = X = “H” or “L” for all address commands except or Program Address (PA) and
Sector Address (SA).
• Bus operations are defined in “MBM29F080A User Bus Operations Table” in “sFLEXIBLE SECTOR-
ERASE ARCHITECTURE”.
• RA = Address of the memory location to be read.
PA
= Address of the memory location to be programmed. Addresses are latched on the falling edge of
the WE pulse.
SA
= Address of the sector to be erased. The combination of A19, A18, A17, and A16 will uniquely select
any sector.
• RD = Data read from location RA during read operation.
PD
= Data to be programmed at location PA. Data is latched on the rising edge of WE.
• Read and Byte program functions to non-erasing sectors are allowed in the Erase Suspend mode.
• The system should generate the following address pattens: 555h or 2AAh to addresses A0 to A10.
• The command combinations not described in “MBM29F080A Command Definitions Table” in “sFLEXIBLE
SECTOR-ERASE ARCHITECTURE” are illegal.
*1: Either of the two reset commands will reset the device.
*2: The fourth bus cycle is only for read.
Command
Sequence
Bus
Write
Cycles
Req'd
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read/Write
Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr. Data Addr. Data Addr. Data Addr.
Data Addr. Data Addr. Data
Read/Reset*1
1
XXXh F0h
—————
—
—
—
—
—
Reset/Read*1
3
555h
AAh
2AAh
55h
555h
F0h
RA*2
RD*2
——
—
—
Manufacture Code
3
555h
AAh
2AAh
55h
555h
90h
00h*2
04h*2
——
—
—
Device Code
3
555h
AAh
2AAh
55h
555h
90h
01h*2
05h*2
——
—
—
Byte Program
4
555h
AAh
2AAh
55h
555h
A0h
PA
PD
—
—
—
—
Chip Erase
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
555h
10h
Sector Erase
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
SA
30h
Sector Erase Suspend
Erase can be suspended during sector erase with Addr (“H” or “L”), Data (B0h)
Sector Erase Resume
Erase can be resumed after suspend with Addr (“H” or “L”), Data (30h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com