Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 7Page - NXP Semiconductors PCD5002 Datasheet HTML 8Page - NXP Semiconductors PCD5002 Datasheet HTML 9Page - NXP Semiconductors PCD5002 Datasheet HTML 10Page - NXP Semiconductors PCD5002 Datasheet HTML 11Page - NXP Semiconductors PCD5002 Datasheet HTML 12Page - NXP Semiconductors PCD5002 Datasheet HTML 13Page - NXP Semiconductors PCD5002 Datasheet HTML 14Page - NXP Semiconductors PCD5002 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
1997 Jun 24
11
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
Fig.5 APOC-1 synchronization algorithm.
handbook, full pagewidth
batch zero identify
no batch zero ID
batch
zero ID
batch zero ID
TX off
time out
no sync word
or preamble
no sync word
sync word
OFF to ON status
preamble
sync word
sync word
sync word
no preamble (1 batch)
no preamble
or sync word
(3 batches)
short fade recovery
transmitter off
preamble receive 2
sync word
sync word
sync
word
no sync
word
TX off time out
preamble
preamble
preamble
preamble
no preamble
(1 batch)
MGD269
batch zero detect
preamble receive 1
long fade recovery
carrier detect
switch on
preamble
cycle receive
8.14
APOC-1 synchronization strategy
The synchronization strategy in APOC-1 is an extended
version of the ACCESS® scheme and is illustrated in Fig.5.
The PCD5002 counts the number of batches in a
transmission, starting from the first batch received after
preamble. Counter overflow occurs due to the size of a
cycle, as determined by SPF programming.
Initially, after switching to the ON status, the decoder will
be in the switch-on mode. Here the receiver will be
enabled for up to 3 batches, testing for preamble and sync
word. Detection of preamble causes the device to switch
to the ‘preamble receive’ mode, while any enabled sync
word enters the ‘batch zero detect’ mode. Failure to detect
either will cause the device to switch to the ‘carrier detect’
mode.
In the preamble receive 1 mode the PCD5002 searches
for a sync word, the receiver remaining enabled while
preamble is detected. As soon as an enabled sync word is
found the ‘batch zero identify’ mode is started.
If preamble is not found within one batch duration then the
‘long fade recovery’ mode is entered.
When in batch zero detect mode the PCD5002 switches
on every batch to maintain synchronization and check for
the batch zero identifier. Detection of the batch zero
identifier activates the ‘cycle receive’ mode. When
synchronization is lost the ‘long fade recovery’ mode is
entered. ‘preamble receive’ mode is entered when
preamble is detected.
In the batch zero identify mode the first codeword
immediately after the sync word of the first batch is
compared with the programmed batch zero identifier.
Failure to detect the batch zero identifier will cause the
device to enter the ‘short fade recovery’ mode.
When this comparison is successful the function bits
determine whether any broadcast message will follow.
Any function bit combination other than ‘1,1’ will cause the
PCD5002 to accept message codewords until terminated
by a valid address codeword.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com