Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 26Page - NXP Semiconductors PCD5002 Datasheet HTML 27Page - NXP Semiconductors PCD5002 Datasheet HTML 28Page - NXP Semiconductors PCD5002 Datasheet HTML 29Page - NXP Semiconductors PCD5002 Datasheet HTML 30Page - NXP Semiconductors PCD5002 Datasheet HTML 31Page - NXP Semiconductors PCD5002 Datasheet HTML 32Page - NXP Semiconductors PCD5002 Datasheet HTML 33Page - NXP Semiconductors PCD5002 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
1997 Jun 24
30
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
8.57
Synthesizer programming data
Data for programming a PLL synthesizer via pins ZSD,
ZSC and ZLE can be stored in row 1 of the EEPROM.
Six bytes are available starting with address 08H.
Data is transferred in two serial blocks of 24 bits each,
starting with bit 0 (MSB) of block 1. Any unused bits must
be programmed at the beginning of a block.
Table 28 Synthesizer programming data (EEPROM
address 08H to 0DH)
8.58
Identifier storage allocation
Up to 6 different identifiers can be stored in EEPROM for
matching with incoming data. The PCD5002 can
distinguish two types of identifiers:
• User addresses (RIC)
• User Programmable Sync Words (UPSW)
• Batch zero identifiers
• Continuous data decoding (CDD) sync words.
ADDRESS
(HEX)
BIT
(MSB: D7)
DESCRIPTION
08
D7 to D0
bits 0 to 7 of data
block 1 (bit 0 is MSB)
09
D7 to D0
bits 8 to 15
0A
D7 to D0
bits 16 to 23
0B
D7 to D0
bits 0 to 7 of data
block 2 (bit 0 is MSB)
0C
D7 to D0
bits 8 to 15
0D
D7 to D0
bits 16 to 23
Identifiers are stored in EEPROM rows 2, 3 and 4. Each
identifier location consists of 3 bytes in the same column.
The identifier number is equal to the column number + 1.
Each identifier can be individually enabled. The standard
POCSAG sync word is always enabled and has identifier
number 7.
The identifier type is determined by bits D2 and D0 of
identifier byte 3, as shown in Table 31.
Identifiers 1 and 2 always represent RICs or batch zero
identifiers. The last 4 identifiers (numbers 3 to 6) can
represent any identifier type.
A UPSW represents an unused address and must differ by
more than 6 bits from preamble to guarantee detection.
A batch zero identifier marks the start of a new cycle in the
APOC-1 protocol. It is only recognized when APOC-1
decoding has been enabled (SPF byte 00, bit D0).
Reception of a CDD sync word initiates continuous data
decoding. CDD sync words are only recognized when
continuous data decoding has been enabled (SPF
byte 00, bit 6).
Table 29 shows the memory locations of the 6 identifiers.
The bit allocation per identifier is given in Table 30.
Table 29 Identifier storage allocation (EEPROM address 10H to 25H)
ADDRESS (HEX)
BYTE
DESCRIPTION
10 to 15
1
identifier number 1 to 6
18 to 1D
2
identifier number 1 to 6
20 to 25
3
identifier number 1 to 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com