Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 24Page - NXP Semiconductors PCD5002 Datasheet HTML 25Page - NXP Semiconductors PCD5002 Datasheet HTML 26Page - NXP Semiconductors PCD5002 Datasheet HTML 27Page - NXP Semiconductors PCD5002 Datasheet HTML 28Page - NXP Semiconductors PCD5002 Datasheet HTML 29Page - NXP Semiconductors PCD5002 Datasheet HTML 30Page - NXP Semiconductors PCD5002 Datasheet HTML 31Page - NXP Semiconductors PCD5002 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
1997 Jun 24
28
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
Table 23 Special programmed functions (EEPROM address 00H)
Table 24 Special programmed functions (EEPROM address 01H)
Note
1. Since the exact establishment time is related to the programmed bit rate, Table 25 shows the values for the various
bit rates.
BIT (MSB: D7)
VALUE
DESCRIPTION
D0
0
POCSAG decoding enabled
1
APOC-1 decoding enabled
D1
0
cycle length: 5 batches
1
cycle length: 15 batches
D5 to D2 (MSB: D5)
0 to 4
batch number (D1 = 0, MSB is ignored)
0 to 14
batch number (D1 = 1)
D6
1
continuous data decoding enabled
D7
1
received data inversion enabled
BIT (MSB: D7)
VALUE
DESCRIPTION
D1 and D0
0 0
5 ms receiver establishment time (nominal); note 1
0 1
10 ms
1 0
15 ms
1 1
30 ms
D3 and D2
0 0
20 ms oscillator establishment time (nominal); note 1
0 1
30 ms
1 0
40 ms
1 1
50 ms
D5 and D4
0 0
512 bits/s received bit rate
0 1
1024 bits/s (not used in POCSAG)
1 0
1200 bits/s
1 1
2400 bits/s
D6
1
synthesizer interface enabled (programming at switch-on)
D7
1
voltage converter enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com