Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 19Page - NXP Semiconductors PCD5002 Datasheet HTML 20Page - NXP Semiconductors PCD5002 Datasheet HTML 21Page - NXP Semiconductors PCD5002 Datasheet HTML 22Page - NXP Semiconductors PCD5002 Datasheet HTML 23Page - NXP Semiconductors PCD5002 Datasheet HTML 24Page - NXP Semiconductors PCD5002 Datasheet HTML 25Page - NXP Semiconductors PCD5002 Datasheet HTML 26Page - NXP Semiconductors PCD5002 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
1997 Jun 24
23
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
Table 21 Alert set-up register (04H; write)
Note
1. Bits D7 and D6 correspond to function bits 20 and 21 respectively in the address codeword, which designate the
POCSAG call type as shown in Table 1.
BIT (MSB D7)
VALUE
DESCRIPTION
D0
0
call alert via cadence register
1
POCSAG call alert (pattern selected by D7 and D6)
D1
0
LOW level acoustic alert (ATL), pulsed vibrator alert (25 Hz)
1
HIGH level acoustic alert (ATL + ATH), continuous vibrator alert
D2
0
normal alerts (acoustic and LED)
1
warbled alerts: 16 Hz (LED: on/off, ATL/ATH: alternate fAWH, fAWL)
D3
1
acoustic alerts enable (ATL, ATH)
D4
1
vibrator alert enabled (VIB)
D5
1
LED alert enabled (LED)
D7 and D6(1)
0 0
POCSAG alert pattern FC = 00, see Fig.9 (a)
0 1
POCSAG alert pattern FC = 01, see Fig.9 (b)
1 0
POCSAG alert pattern FC = 10, see Fig.9 (c)
1 1
POCSAG alert pattern FC = 11, see Fig.9 (d)
Fig.9 POCSAG alert patterns.
handbook, full pagewidth
MLC251
(a)
(b)
(c)
(d)
0 0
D7, D6
0 1
1 0
1 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com