Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 13Page - NXP Semiconductors PCD5002 Datasheet HTML 14Page - NXP Semiconductors PCD5002 Datasheet HTML 15Page - NXP Semiconductors PCD5002 Datasheet HTML 16Page - NXP Semiconductors PCD5002 Datasheet HTML 17Page - NXP Semiconductors PCD5002 Datasheet HTML 18Page - NXP Semiconductors PCD5002 Datasheet HTML 19Page - NXP Semiconductors PCD5002 Datasheet HTML 20Page - NXP Semiconductors PCD5002 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
1997 Jun 24
17
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
8.22
Battery condition input
A logic signal from an external sense circuit, signalling
battery condition, can be applied to the BAT input. This
input is sampled each time the receiver is disabled
(RXE
↓ 0).
When enabled via the control register (D2 = 0), the
condition of input BAT is reflected in bit D6 of the status
register. Each change of state of bit D6 causes an external
interrupt at output INT.
When using the UAA2080 pager receiver a battery-low
condition corresponds to a logic HIGH level. With a
different sense circuit the reverse polarity can be used as
well, because every change of state is signalled to an
external controller.
After a reset the initial condition of the battery-low indicator
in the status register is zero.
Table 14 Receiver and oscillator establishment times
(note 1)
Note
1. The exact values may differ slightly from the above
values, depending on the bit rate (see Table 25).
8.23
Synthesizer control
Control of an external frequency synthesizer is possible
via a dedicated 3-line serial interface (outputs ZSD, ZSC
and ZLE). This interface is common to a number of
available synthesizers. The synthesizer is enabled using
the oscillator enable output ROE.
The frequency parameters must be programmed in
EEPROM. Two blocks of maximum 24 bits each can be
stored. Any unused bits must be programmed at the
beginning of a block: only the last bits are used by the
synthesizer.
When the function is selected by SPF programming
(SPF byte 01, bit D6), data is transferred to the
synthesizer each time the PCD5002 is switched from the
OFF to the ON status. Transfer takes place serially in two
blocks, starting with bit 0 (MSB) of block 1 (see Table 28).
Data bits on ZSD change on the falling edges of ZSC. After
clocking all bits into the synthesizer, a latch enable pulse
CONTROL
OUTPUT
ESTABLISHMENT TIME
UNIT
RXE
5
101530
ms
ROE
20
30
40
50
ms
copies the data to the internal divider registers. A timing
diagram is illustrated in Fig.6.
The data output timing is synchronous, but has a pause in
the bitstream of each block. This pause occurs in the
13th bit while ZSC is LOW. The nominal pause duration tp
depends on the programmed bit rate for data reception
and is shown in Table 15. The total duration of the 13th bit
is given by tZCL +tp.
A similar pause occurs between the first and the second
data block. The delay between the first latch enable pulse
and the second data block is given by tZDL2 +tp.
The complete start-up timing of the synthesizer interface is
illustrated in Fig.13.
Table 15 Synthesizer programming pause
8.24
Serial microcontroller interface
The PCD5002 has an I2C-bus serial microcontroller
interface capable of operating at 400 kbits/s.
The PCD5002 is a slave transceiver with a 7-bit I2C-bus
address 39 (bits A6 to A0 = 0100111).
Data transmission requires 2 lines: SDA (data) and SCL
(clock), each with an external pull-up resistor. The clock
signal (SCL) for any data transmission must be generated
by the external controlling device.
A transmission is initiated by a START condition
(S: SCL = 1, SDA =
↓) and terminated by a STOP
condition (P: SCL = 1, SDA =
↑).
Data bits must be stable when SCL is HIGH. If there are
multiple transmissions, the STOP condition can be
replaced with a new START condition.
Data is transferred on a byte basis, starting with a device
address and a read/write indicator. Each transmitted byte
must be followed by an acknowledge bit A (active LOW).
If a receiving device is not ready to accept the next
complete byte, it can force a bus wait state by holding SCL
LOW.
The general I2C-bus transmission format is illustrated in
Fig.7. Formats for master/slave communication are
illustrated in Fig.8.
BIT RATE (bit/s)
tp (clocks)
tp (µs)
512
119
1549
1200
33
430
2400
1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com