Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 34Page - NXP Semiconductors PCD5002 Datasheet HTML 35Page - NXP Semiconductors PCD5002 Datasheet HTML 36Page - NXP Semiconductors PCD5002 Datasheet HTML 37Page - NXP Semiconductors PCD5002 Datasheet HTML 38Page - NXP Semiconductors PCD5002 Datasheet HTML 39Page - NXP Semiconductors PCD5002 Datasheet HTML 40Page - NXP Semiconductors PCD5002 Datasheet HTML 41Page - NXP Semiconductors PCD5002 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
1997 Jun 24
38
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
Receiver control
tRXT
RXE and ROE transition time
CL =5pF
−
100
−
ns
tRXON
RXE establishment time
(nominal values: actual
duration is bit rate dependent,
see Table 25)
SPF byte 01H; bits:
D1, D0 = 0 0
−
5
−
ms
D1, D0 = 0 1
−
10
−
ms
D1, D0 = 1 0
−
15
−
ms
D1, D0 = 1 1
−
30
−
ms
tROON
ROE establishment time
(nominal values: actual
duration is bit rate dependent,
see Table 25)
SPF byte 01H; bits:
D3, D2 = 0 0
−
20
−
ms
D3, D2 = 0 1
−
30
−
ms
D3, D2 = 1 0
−
40
−
ms
D3, D2 = 1 1
−
50
−
ms
I2C-bus interface
fSCL
SCL clock frequency
0
−
100
kHz
tLOW
SCL clock low period
4.7
−−µs
tHIGH
SCL clock HIGH period
4.0
−−µs
tSU;DAT
data set-up time
250
−−
ns
tHD;DAT
data hold time
500
−−
ns
tr
SDA and SCL rise time
−−
1000
ns
tf
SDA and SCL fall time
−−
300
ns
CB
capacitive bus line load
−−
400
pF
tSU;STA
START condition set-up time
4.7
−−µs
tHD;STA
START condition hold time
4.0
−−µs
tSU;STO
STOP condition set-up time
4.0
−−µs
Reset
tRST
external reset duration
50
−−µs
tRSU
set-up time after reset
oscillator running
−−
105
µs
tOSU
set-up time after switch-on
oscillator running
−−
4ms
Data input
tTDI
data input transition time
see Fig.14
−−
100
µs
tDI1
data input logic 1 duration
see Fig.14
tBIT
−∞
tDI0
data input logic 0 duration
see Fig.14
tBIT
−∞
POCSAG data timing (512 bits/s)
fDI
data input rate
SPF byte 01H; D5 = 0; D4 = 0
−
512
−
bits/s
tBIT
bit duration
−
1.9531
−
ms
tCW
codeword duration
−
62.5
−
ms
tPA
preamble duration
1125
−−
ms
tBAT
batch duration
−
1062.5
−
ms
SYMBOLS
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com