Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 12Page - NXP Semiconductors PCD5002 Datasheet HTML 13Page - NXP Semiconductors PCD5002 Datasheet HTML 14Page - NXP Semiconductors PCD5002 Datasheet HTML 15Page - NXP Semiconductors PCD5002 Datasheet HTML 16Page - NXP Semiconductors PCD5002 Datasheet HTML 17Page - NXP Semiconductors PCD5002 Datasheet HTML 18Page - NXP Semiconductors PCD5002 Datasheet HTML 19Page - NXP Semiconductors PCD5002 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
1997 Jun 24
16
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
Codewords received at the expected sync word positions
(POCSAG batch size) are matched against standard
POCSAG sync word, all enabled UPSWs and preamble.
Data output to an external controller is initiated by an
interrupt at the next sync word position, after reception of
16 codewords.
The call header preceding the data has a different
structure from normal POCSAG or APOC-1 data. The data
header format is shown in Table 12.
Continuous data decoding continues until one of the
following conditions occur:
• The decoder is switched to the OFF state
• A Forced Call Termination (FCT) command is received
via the I2C-bus
• Preamble is detected at the sync word position
• Standard POCSAG sync word or an enabled non-CDD
sync word is detected.
Only a forced call termination command will be indicated in
the SRAM data by a call terminator. In the other events
continuous data decoding will stop without notification.
Upon forced termination the ‘fade recovery’ mode is
entered. Detection of preamble causes the device to
switch to the ‘preamble receive’ mode. Detection of a
standard sync word or any enabled non-continuous UPSW
will cause the device to switch to the ‘data receive’ mode.
Continuous data decoding will continue in the next batch if
any enabled CDD sync word is detected or no enabled
sync word is detected.
8.20
Receiver and oscillator control
A paging receiver and an RF oscillator circuit can be
controlled independently via enable outputs RXE and ROE
respectively. Their operating periods are optimized
according to the synchronization mode of the decoder.
Each enable signal has its own programmable
establishment time (see Table 14).
8.21
External receiver control and monitoring
An external controller may enable the receiver control
outputs continuously via an I2C-bus command, overruling
the normal enable pattern. Data reception continues
normally. This mode can be exited by means of a reset or
an I2C-bus command.
External monitoring of the receiver control output RXE is
possible via bit D6 in the status register, when enabled via
the control register (D2 = 1). Each change of state of
output RXE will generate an external interrupt at
output INT.
Table 12 Continuous data header format
Table 13 Data header bit identification
BYTE NUMBER
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
1
0
X
X
X
C3
C2
C1
0
2
0
C3
C2
C1
C3
C2
C1
0
3
X
X
F0
F1
E3E2E1
0
BITS (MSB to LSB)
IDENTIFICATION
C3 to C1
identifier number of continuous data decoding sync word
F0 and F1
function bits of received address codeword (bits 20 and 21)
E3 to E1
detected error type (see Table 11); E3 = 0 in a concatenated call header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com