Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 28Page - NXP Semiconductors PCD5002 Datasheet HTML 29Page - NXP Semiconductors PCD5002 Datasheet HTML 30Page - NXP Semiconductors PCD5002 Datasheet HTML 31Page - NXP Semiconductors PCD5002 Datasheet HTML 32Page - NXP Semiconductors PCD5002 Datasheet HTML 33Page - NXP Semiconductors PCD5002 Datasheet HTML 34Page - NXP Semiconductors PCD5002 Datasheet HTML 35Page - NXP Semiconductors PCD5002 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
1997 Jun 24
32
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
9
OPERATING INSTRUCTIONS
9.1
Reset conditions
When the PCD5002 is reset by applying a HIGH level to
input RST, the condition of the decoder is as follows:
• OFF status (irrespective of DON input level)
• REF output frequency 32768 Hz
• All internal counters reset
• Status/control register reset
• INT output at LOW level
• No alert transducers selected
• LED, VIB and ATH outputs at LOW level
• ATL output high-impedance
• SDA and SCL inputs high-impedance
• Voltage converter disabled.
The programmed functions are activated within tRSU after
release of the reset condition (RST LOW). The settings
affecting the external operation of the PCD5002 are as
follows:
• REF output frequency
• Voltage converter
• INT output polarity
• Signal test mode.
When input DON is HIGH, the decoder starts operating in
ON status immediately following tRSU.
9.2
Power-on reset circuit
During power-up of the PCD5002 a HIGH level of
minimum duration tRST =50 µs must be applied to pin
RST. This is to prevent EEPROM corruption which might
otherwise occur because of the undefined contents of the
Control register.
The reset signal can be applied by the external
microcontroller or by an RC power-on reset circuit on pin
RST (C to VPR, R to VSS). Such an RC-circuit should have
a time constant of at least 3tRST = 150 µs.
Input RST has an internal high-ohmic pull-down resistor
(nominal 2 M
Ω at 2.5 V supply) which could be used
together with a suitable external capacitor connected to
VPR to create a power-on reset signal. However, since this
pull-down resistor varies considerably with processing and
supply voltage, the resulting time constant is inaccurate.
A more accurate reset duration can be realised with an
additional external resistor connected to VSS.
Recommended minimum values in this case are
C = 2.2 nF and R = 100 k
Ω (see Fig.16).
9.3
Reset timing
The start-up time for the crystal oscillator may exceed 1 s
(typ. 800 ms). It is advisable to apply a reset condition, at
least during the first part of this period. The minimum reset
pulse duration tRST is 50 µs.
During reset the oscillator is active, but clock signals are
inhibited internally. Once the reset condition is released
the end of the oscillator start-up period can be detected by
a rising edge on output INT.
During a reset the voltage converter clock (Vclk) is held at
zero. The resulting output voltage drop may cause
problems when the external resetting device is powered by
the internal voltage doubler. A sufficiently large buffer
capacitor connected between output VPO and VSS must be
provided to supply the microcontroller during reset.
The voltage at VPO will not drop below VDD − 0.7 V.
Immediately after a reset all programmable internal
functions will start operating according to a programmed
value of 0. During the first 8 full clock cycles (tRSU) all
programmed values are loaded from EEPROM.
After reset the receiver outputs RXE and ROE become
active immediately, if DON is HIGH and the synthesizer is
disabled. When the synthesizer is enabled, RXE and ROE
will only become active after the second pulse on ZLE
completes the loading of synthesizer data.
The full reset timing is illustrated in Fig.12. The start-up
timing including synthesizer programming is illustrated in
Fig.13.
9.4
Initial programming
A newly-delivered PCD5002 has EEPROM contents which
are undefined. The EEPROM should therefore be
programmed, followed by a reset to activate the SPF
settings, before any attempt is made to use the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com