Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 21Page - NXP Semiconductors PCD5002 Datasheet HTML 22Page - NXP Semiconductors PCD5002 Datasheet HTML 23Page - NXP Semiconductors PCD5002 Datasheet HTML 24Page - NXP Semiconductors PCD5002 Datasheet HTML 25Page - NXP Semiconductors PCD5002 Datasheet HTML 26Page - NXP Semiconductors PCD5002 Datasheet HTML 27Page - NXP Semiconductors PCD5002 Datasheet HTML 28Page - NXP Semiconductors PCD5002 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
1997 Jun 24
25
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
Fig.10 POCSAG alert timing.
handbook, full pagewidth
FC = 00
FC = 01
FC = 10
FC = 11
tALC
tALP
tALC
tALC
tALC
tALC
tALP
tALP
tALP
tALP
tALP
tALP
MLC252
8.41
Cancelling alerts
Standard POCSAG alerts (manual or automatic) are
cancelled by resetting bit D0 in the alert set-up register.
User defined alerts are cancelled by writing a zero to the
alert cadence register. Any ongoing alert is cancelled
when a reset pulse is applied to input RST.
8.42
Automatic POCSAG alerts
Standard alert patterns have been defined for each
POCSAG call type, as indicated by the function bits in the
address codeword (see Table 1). The timing of these alert
patterns is shown in Fig.10. After completion of the full 16 s
alert period an interrupt is generated by status bit D4.
When enabled by SPF programming (SPF byte 03, bit D2)
standard POCSAG alerts will be automatically generated
at outputs ATL, ATH, LED and VIB upon call reception.
The alert pattern matches the call type as indicated by the
function bits in the received address codeword.
The original settings of the alert set-up register will be lost.
Bit D0 is reset after completion of the alert.
8.43
SRAM access
The on-chip SRAM can hold up to 96 bytes of call data.
Each call consists of a call header (3 bytes), message data
blocks (3 bytes per codeword) and a call terminator
(3 bytes).
The RAM is filled by the decoder and can be read via the
I2C-bus interface. The RAM is accessed indirectly by a
read address pointer and a data output register. A write
address pointer indicates the position of the last message
byte stored.
Status register bit D2 is set when the read and write
pointers are different. It is reset only when the SRAM
pointers become equal during reading, i.e. when the RAM
becomes empty.
Status bit D3 is set when the read and write pointers
become equal. This can be due to a RAM empty or a RAM
full condition. It is reset after a status read operation.
Interrupts are generated as follows:
• When status bit D2 is set and the receiver is disabled
(RXE = 0); data is available for reading
• Immediately when status bit D3 is set: RAM is either
empty (status bit D2 = 0) or full (status bit D2 = 1).
To avoid loss of data due to RAM overflow at least 3 bytes
of data must be read during reception of the codeword
following the ‘RAM full’ interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com