Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 22Page - NXP Semiconductors PCD5002 Datasheet HTML 23Page - NXP Semiconductors PCD5002 Datasheet HTML 24Page - NXP Semiconductors PCD5002 Datasheet HTML 25Page - NXP Semiconductors PCD5002 Datasheet HTML 26Page - NXP Semiconductors PCD5002 Datasheet HTML 27Page - NXP Semiconductors PCD5002 Datasheet HTML 28Page - NXP Semiconductors PCD5002 Datasheet HTML 29Page - NXP Semiconductors PCD5002 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
1997 Jun 24
26
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
8.44
RAM write address pointer (06H; read)
The RAM write address pointer is automatically
incremented during call reception, because the decoder
writes each data byte to RAM. The RAM write address
pointer can only be read. Values range from 00H to 5FH.
Bit D7 (MSB) is not used and its value is undefined when
read. When a call data byte is written to location 5FH, the
write address pointer wraps around to 00H. This does not
necessarily imply a RAM full condition.
8.45
RAM read address pointer (08H; read/write)
The RAM read address pointer is automatically
incremented after reading a data byte via the RAM output
register.
The RAM read address pointer can be accessed for
reading and writing.
The values range from 00H to 5FH. When at 5FH a read
operation will cause wrapping around to 00H. Bit D7
(MSB) is not used; it is ignored when written to and
undefined when read from.
8.46
RAM data output register (09H; read)
The RAM data output register contains the byte addressed
by the RAM read address pointer and can only be read.
Each read operation causes an increment of the RAM read
address pointer.
8.47
EEPROM access
The EEPROM is intended for storage of user addresses
(RICs), sync words and special programmed function
(SPF) bits representing the decoder configuration.
The EEPROM can store 48 bytes of information and is
organized as a matrix of 8 rows by 6 columns.
The EEPROM is accessed indirectly via an address
pointer and a data I/O register.
The EEPROM is protected against inadvertent writing by
means of the programming enable bit in the control
register (bit D1).
The EEPROM memory map is non-contiguous. Figure 11
shows both the EEPROM organization and the access
method.
Identifier locations contain RICs or sync words. A total of
20 unassigned bytes are available for general purpose
storage.
8.48
EEPROM address pointer (07H; read/write)
An EEPROM location is addressed via the EEPROM
address pointer. It is incremented automatically each time
a byte is read from or written to via the EEPROM data I/O
register.
The EEPROM address pointer contains two counters for
the row and the column number. Bits D2 to D0 contain the
column number (0 to 5) and bits D5 to D3 the row number
(0 to 7). Bits D7 and D6 of the address pointer are not
used. Data written to these bits will be ignored, while their
values are undefined when read.
The column and row counters are connected in series.
Upon overflow of the column counter (column = 5) the row
counter is automatically incremented and the column
counter wraps to 0. On overflow the row counter wraps
from 7 to 0.
8.49
EEPROM data I/O register (0AH; read/write)
The byte addressed by the EEPROM address pointer can
be written to or read from via the EEPROM data I/O
register. Each access automatically increments the
EEPROM address pointer.
8.50
EEPROM access limitations
Since the EEPROM address pointer is used during data
decoding, the EEPROM may not be accessed while the
receiver is active (RXE = 1). It is advisable to switch to the
OFF state before accessing the EEPROM.
The EEPROM cannot be written to unless the EEPROM
programming enable bit (bit D1) in the control register is
set.
For writing a minimum programmed supply voltage (VPG)
is required (2.0 V typ.). The programmed supply current
(IPG) required during writing is approximately 500 µA.
8.51
EEPROM read operation
EEPROM read operations must start at a valid address in
the non-contiguous memory map. Single byte or block
reads are permitted.
8.52
EEPROM write operation
EEPROM write operations must always take place in
blocks of 6 bytes, starting at the beginning of a row.
Programming a single byte will reset the other bytes in the
same row. Modifying a single byte in a row requires
re-writing the unchanged bytes with their old contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com