Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 30Page - NXP Semiconductors PCD5002 Datasheet HTML 31Page - NXP Semiconductors PCD5002 Datasheet HTML 32Page - NXP Semiconductors PCD5002 Datasheet HTML 33Page - NXP Semiconductors PCD5002 Datasheet HTML 34Page - NXP Semiconductors PCD5002 Datasheet HTML 35Page - NXP Semiconductors PCD5002 Datasheet HTML 36Page - NXP Semiconductors PCD5002 Datasheet HTML 37Page - NXP Semiconductors PCD5002 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
1997 Jun 24
34
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
10 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+7.0
V
VPR
external reference voltage input
VPR ≥ VDD − 0.8 V
−0.5
+7.0
V
Vn
voltage on pins ALC, DON, RST, SDA and SCL
Vn ≤ 7.0 V
VSS − 0.8
VPR + 0.8
V
Vn1
input voltage on any other pin
Vn1 ≤ 7.0 V
VSS − 0.8
VDD + 0.8
V
Ptot
total power dissipation
−
250
mW
PO
power dissipation per output
−
100
mW
Tamb
operating ambient temperature
−25
+70
°C
Tstg
storage temperature
−55
+125
°C
Fig.13 Start-up timing including synthesizer programming.
handbook, full pagewidth
RXE
ZSC
DON
ZLE
BLOCK 1
BLOCK 2
tclk
t ZDL1
t ZSU
t OSU
tZDL1
tZDL2 tp
MLC255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com