Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCD5002
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCD5002 Datasheet HTML 23Page - NXP Semiconductors PCD5002 Datasheet HTML 24Page - NXP Semiconductors PCD5002 Datasheet HTML 25Page - NXP Semiconductors PCD5002 Datasheet HTML 26Page - NXP Semiconductors PCD5002 Datasheet HTML 27Page - NXP Semiconductors PCD5002 Datasheet HTML 28Page - NXP Semiconductors PCD5002 Datasheet HTML 29Page - NXP Semiconductors PCD5002 Datasheet HTML 30Page - NXP Semiconductors PCD5002 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
1997 Jun 24
27
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
After writing each block a pause of 7.5 ms (max.) is
required to complete the internal programming operation.
During this time the external microcontroller may generate
an I2C-bus STOP condition. If another I2C-bus transfer is
initiated the decoder will pull SCL LOW during this pause.
After writing the EEPROM programming enable bit (D1) in,
the control register must be reset.
8.53
Invalid write address
When an invalid write address is used, the column counter
bits (D2 to D0) are forced to zero before being loaded into
the address pointer. The row counter bits are used
normally.
8.54
Incomplete programming sequence
A programming sequence may be aborted by an I2C-bus
STOP condition. The EEPROM programming enable
bit (D1) in the control register must then be reset.
Any bytes received from the last 6-byte block will be
ignored and the contents of this (incomplete) EEPROM
block will remain unchanged.
8.55
Unused EEPROM locations
A total of 20 EEPROM bytes are available for general
purpose storage (see Table 22).
Table 22 Unused EEPROM addresses
Note
1. When using bytes 04H and 05H, care must be taken to
preserve the SPF information stored in
bytes 00H to 03H.
8.56
Special programmed function allocation
The SPF bit allocation in the EEPROM is shown in
Tables 23 to 27. The SPF bits are located in row 0 of the
EEPROM and occupy 4 bytes.
Bytes 04H and 05H are not used and are available for
general purpose storage.
ROW
HEX
0
04 and 05(1)
528 to 2D
630 to 35
738 to 3D
Fig.11 EEPROM organization and access.
handbook, full pagewidth
COLUMN
ROW
0
1
2
3
4
5
6
7
0
D7
D0
D7
D0
ADDRESS
POINTER
ROW COLUMN
I/O REGISTER
01
0
1
0
0
SPF bits
Synthesizer data
Identifiers
unused bytes
1
I
D
MLC254
12
3
4
5
2
I
D
3
I
D
4
I
D
5
I
D
6
I
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com