Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 55Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 56Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 57Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 58Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 59Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 60Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 61Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 62Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 136 page
background image
1996 Oct 29
59
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
The host can be used in three modes:
1. Acknowledge mode: in this mode the PCF5083
provides an open drain output DTACK, that
acknowledges data read or write accesses to the host
port registers PI, PO or PIOS. This signal has to be
connected to the 90CL301 DTACK input. Using the
hardware handshake via DTACK, the 90CL301 can
write data to the PI register at any time. It is not
necessary to poll the PISE bit in the status register
PIOS. If the 90CL301 writes to PI and PI is still full, the
write access is automatically extended until the DSP
has read PI. Under worst case conditions this will last
10
µs (see formula below). Before reading a message
via PO however, the System Controller has to check
once if a message is available from DSP. This is done
by polling the POSE flag in the PIOS register. If POSE
is a logic 1 the System Controller has to read the first
word of the message. After determination of the
message length, the rest of the message can be read
without further polling.
2. Polling mode: in this mode the hardware handshake
via DTACK is not used. Before writing a word to PI, the
90CL301 must wait until the PISE flag in the Status
Register PIOS is set. Correspondingly, the 90CL301
must wait until the POSE flag in PIOS is set, before
reading PO.
3. Interrupt mode: in this mode the PCF5083 provides
two internal interrupt request signals PIRQN and
PORQN. Signal PIRQN (active LOW) corresponds to
status register bit PISE (active HIGH) and PORQN
(active LOW) to bit POSF (active HIGH). As soon as
the status bit PISE or POSF is set, PIRQN/PORQN is
going LOW, generating an interrupt at the host. The
interrupt service routines should handle the two 8-bit
transfers. After the first transfer PIRQN/PORQN goes
HIGH, removing the interrupt source. After the second
transfer a new interrupt will be generated.
PIRQN and PORQN can be enabled by setting PIOS
bit 2 for PIRQ_EN and bit 3 for PIRQ_EN to HIGH.
After reset both signals are disabled. The PIRQN and
PORQN interrupt condition is signalled via the
HIPR_INT interrupt line (see Section 10.2).
Command and indication messages are buffered in
two queues, each of 139 words. If working in acknowledge
mode the layer 1 software in the 90CL301 has to ensure
that no queue overflow occurs (this will never happen
during normal operation).
The times TPI and TPO required by the DSP to receive or
transmit a message consisting of N words can be
calculated according to the following formulas:
TPI = 10
µs+(N − 1) × 1.5 µs
TPO = N
× 1.5 µs
Data transfer in acknowledge mode produces the least
overhead in the 90CL301 layer 1 software. It is therefore
recommended to use the acknowledge mode for
communication with the DSP.
9.1.7
EVENT COUNTER CLOCK
The event counter is used by the firmware for time-out
detection.The 32.768 kHz clock is internally connected to
the ECLK input of the DSP.
9.1.8
GENERAL PURPOSE I/O PINS
Table 51 Usage of General Purpose I/O Pins
Note that the IO1 pin is not changed automatically by the
DSP firmware (e.g. by the procedure MP_iom2_enable).
Whenever audio data should be transmitted via the audio
interface, IO1 has to be set explicitly by calling the
procedure DB_write_register:
DB_write_register(11, 0x0100, 1) sets the IO1 bit in
register SIOC
DB_write_register(11, 0x0100, 2) resets the IO1 bit in
register SIOC.
PIN
RESET
DEFAULT
DESCRIPTION
IO1
0
Audio interface of the timer core
select pin. A logic 1 enables the
interface; a logic 0 disables the
interface.
IO2
1
used for procedure trace
IO3
1
used for procedure trace
IO4
1
DTX select pin. A logic 1 enables
the transmitter; a logic 0 disables
the transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com