Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 72Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 73Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 74Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 75Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 76Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 77Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 78Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 79Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 136 page
background image
1996 Oct 29
76
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
DB_read_register
This function may be used to read the contents of a control or shadow
register of the DSP. If reg_number is out-of-range, the function returns an
error, ERROR_WRONG_PARAMETER. The registers that may be read are
given in Table 59
61
reg_number
reg_contents
DB_wait
Wait for cycles ECLK cycles.
56
cycles
−
DB_write_buffer
n_words are written into buffer buff_id starting at offset buff_offset; n_words
must not be greater than 17.
32
buff_id
buff_offset
n_words
data[n_words]
−
DB_write_register
This function may be used to write a control or shadow register of the DSP.
Dependent on the input parameter action the register reg_number is written
with value or the value is interpreted as a mask to set or to clear only
specific bits. The procedure disables the interrupts to make sure that
nobody else can change the registers. If reg_number is out-of-range or if an
attempt is made to set or clear bits in a register, that is only writeable, the
function returns an error (ERROR_WRONG_PARAMETER). The registers
that may be changed are given in Table 60.
The action parameter may be one of following values:
action = 0; write register (reg = value)
action = 1; set bits (reg
≠ value)
action = 2; clear bits (reg
≠∼value).
62
reg_number
value
action
−
EM_init
This procedure sets the output mode for EM_normal_burst and
EM_sync_burst. The output_mode values are defined below:
output_mode = 0; the 4th return value contains the frequency offset df, in
Hz.
output_mode = 1 (default after reset); the 4th return value contains the
imaginary part of the frequency offset df.
82
output_mode
−
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com