Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 65Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 66Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 67Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 68Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 69Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 70Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 71Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 72Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 136 page
background image
1996 Oct 29
69
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
CM_decoder_TCHFS
Channel decoder and de-interleaver for the full-rate speech traffic channel
and FACCH in accordance with
“GSM Rec. 05.03”. The CMI values located
in TCH_CMI_BUFF are decoded. The decoded bits are stored in
SCRATCH_BUFF.
rxqual_ber (format 16-bit integer) reflects the estimated bit error rate at the
input of the channel decoder (hard decision assumed) multiplied by 4096.
bfi_facch is the bad frame indication:
bfi_facch = 0; the decoded FACCH message is OK
bfi_facch = 1; a parity error has been detected
bfi_facch = 2; a bad metric error has been detected
bfi_facch = 3; both parity and bad metric errors have been detected.
The facch_flag indications:
facch_flag = 0; indicates that no FACCH message has been received. In
this event facch_msg[12] contains zeros
facch_flag = 1; indicates that a FACCH message has been decoded and is
returned into facch_msg[12].
The facch_msg[12] contains the 184 bits of the decoded FACCH message.
The bits are stored in a packed format with 16-bits per word and LSB first
order. Unused MSB’s are set to zero.
10
−
rxqual_ber
bfi_facch
facch_flag
facch_msg[12]
CM_decoder_TCHFS_init
Initialization of CM_decoder_TCHFS.
11
−−
CM_encoder_CCH
Channel decoder for control channels. In accordance with
“GSM Rec. 05.03” this procedure can be used for the following channels:
SACCH: Slow Associated Control Channel
SDCCH: Stand-alone Dedicated Control Channel.
The encoded data is stored in CCH_INFO_BUFF.
The cch_msg[12] contains the 184 bits of the decoded CCH message. The
bits are stored in a packed format with 16-bits per word and LSB first order.
Unused MSB’s are set to zero.
12
cch_msg[12]
−
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com