Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 73Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 74Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 75Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 76Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 77Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 78Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 79Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 80Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 136 page
background image
1996 Oct 29
77
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
EM_normal_burst
Adaptive viterbi equalizer for normal bursts. The 149 I and Q pairs in
IQ_BUFF are demodulated. The parameter cmi_buff_id determines the
buffer where the demodulated CMI values should be stored. The following
values for cmi_buff_id are allowed:
TCH_CMI_BUFFx for sub-block number x of a TCH.
CCH_CMI_BUFFx for sub-block number x of a CCH.
The parameter tsc determines the training sequence code. Valid range:
0
≤ tsc ≤ 7.
The snr is an estimation for the signal-to-noise ratio (0
≤ snr ≤ 255).
The toi denotes the measured time difference (in quarterbits) between the
first information bit of the burst and the start of the sampling window.
Range: 0
≤ toi ≤ 28. A toi value of 12 is the optimal position.
For output_mode = 1; (see EM_init) foi_re and foi_im denote the real and
imaginary part of the frequency offset information. The frequency offset df
(Hz) can be calculated in accordance with equation:
For output_mode = 0; the frequency offset df in Hz is returned instead of
foi_im as the 4th return values.
It should be noted that the frequency offset output (for both output modes)
only contains meaningful information, if foi_re > 450.
34
cmi_buff_id
tsc
snr
toi
foi_re
foi_im df
EM_offset_measurement
This procedure measures the offset of the complex baseband signal
located in IQ_BUFF.
The parameter n_samples is the number of complex I and Q samples to be
used for averaging; n_samples must be one of the following values: 64 or
128. If n_samples is not specified, then a default value of 128 is used.
The i_offset and q_offset is the time averaged value of the complex
baseband signal.
79
[n_samples]
i_offset
q_offset
EM_power_measurement
Power measurement for RXLEV calculation of serving and neighbouring
cells.
The agc_gain is the gain of the current AGC range in 1
⁄8 dB.
The parameter n_samples is the number of I and Q samples located in
IQ_BUFF to be used for averaging; n_samples must be one of the following
values: 80 or 144. If the parameter n_samples is not specified, then a
default value of 80 is used.
The power_dBm is the time averaged value of the complex baseband
signal in 1
⁄8 dBm steps (range: −722+agc_gain to agc_gain).
35
agc_gain
[n_samples]
power_dB
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES
f
df
foi_im
foi_re
663
×
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com