Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 86Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 87Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 88Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 89Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 90Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 91Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 92Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 93Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 136 page
background image
1996 Oct 29
90
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.4
Software applications
This section contains examples for several basic GSM
channels. For every example the procedures to be
executed within the DSP are shown in the form of tables.
The first column contains the TDMA frame number fn in
which the EXEC_PROC messages should be sent to the
DSP. The 2nd column shows the corresponding
procedures with all parameters. Parameters in uppercase
are constants, lowercase parameters are variables. The
3rd column contains the number words NW to be
transmitted to the DSP within frame fn (PACKET message
assumed). The columns RX and MX contain the number of
I and Q pairs to be sampled in the receive and monitoring
timeslots of TDMA frame fn. Column TX contains the
number of bits to sent to the GMSK modulator within the
transmit timeslot. The tables are based upon the general
rule that an EXEC_PROC message for a procedure that
starts execution in TDMA frame n has to be sent in TDMA
frame N
− 1.
Unless otherwise noted, the corresponding
PROC_RETURN message will be available at the latest at
the end of TDMA frame N+1, i.e. if the messages are read
by the SC at beginning of every TDMA frame, the
PROC_RETURN message will be available in frame
N + 2. Start and end of a TDMA frame are defined by the
falling edge of the FRAME_INT signal produced by the
timer core.
9.4.1
RECEIVING A CCH BLOCK
Table 67 shows how to receive a CCH block and to
perform monitoring of two neighbouring cells in parallel. It
is assumed that the CCH block has to be received in the
frames N to N + 3. Note that the TX timeslot is used for
monitoring in this example.
Table 67 Procedures to be started for receiving a CCH block
Note
1. Procedures to be started via EXEC_PROC in TDMA frame FN.
fn
PROCEDURES(1)
NW
RX
TX
MX
N
− 1
CP_rx_normal_burst (CCH_CMI_BUFF1, tsc, agc_gain1);
CP_power_measure (agc_gain2)
CP_power_measure (agc_gain3)
15
−−−
N
CP_rx_normal_burst (CCH_CMI_BUFF2, tsc, agc_gain1);
CP_power_measure (agc_gain2)
CP_power_measure (agc_gain3)
15
149
80
80
N + 1
CP_rx_normal_burst (CCH_CMI_BUFF3, tsc, agc_gain1);
CP_power_measure (agc_gain2)
CP_power_measure (agc_gain3)
15
149
80
80
N + 2
CP_rx_normal_burst (CCH_CMI_BUFF4, tsc, agc_gain1);
CM_decoder_CCH( );
CP_power_measure (agc_gain2)
CP_power_measure (agc_gain3)
18
149
80
80
N+3
−−
149
80
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com