Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 61Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 62Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 63Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 64Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 65Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 66Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 67Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 68Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 136 page
background image
1996 Oct 29
65
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.3.1
PROCEDURE DESCRIPTION
In this section all baseband procedures offered by the DSP are listed in alphabetical order. The following naming
conventions are used throughout the description:
• Value: this is a 16-bit integer parameter (call by value) or return value (e.g. training sequence code, dtx flag)
• Value [SIZE]: this is an array consisting of SIZE 16-bit words. The array is transmitted word by word between the
System Controller and the DSP (e.g. FACCH msg[12])
• Parameter names ending with buff_id identify a buffer in the DSP data RAM where input or output data of the
procedure is stored.
Table 58 Procedure description
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES
BB_access_burst
Burst building of a random access burst in accordance with
“
GSM Rec. 05.02”. The burst information bits must be located in
SCRATCH_BUFF. The result is returned in SCRATCH_BUFF.
1
−−
BB_normal_burst
Burst building of n_bursts normal bursts in accordance with
“GSM Rec. 05.02”. The burst information bits must be located in the buffer
determined by info_buff_id. The result is returned in buffer burst_buff_id.
‘tsc’ is the training sequence code (range: 0 to 7)
2
info_buff_id
burst_buff_id
tsc
n_bursts
−
CI_decrypt (note 1)
Decryption of the CMI values of n_bursts bursts stored in buffer
cmi_buff_id.
Note that n_bursts may be in the range from 1 to 4. If n_bursts is set to 4,
cmi_buff_id must not be any other than TCH_CMI_BUFF or
CCH_CMI_BUFF
3
cmi_buff_id
n_bursts
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com