Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 98 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 94Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 95Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 96Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 97Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 98Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 99Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 100Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 101Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 136 page
background image
1996 Oct 29
98
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.5
Instruction Set
Details concerning the PCF5083 Instruction Set can be found in the
“PCF5082 Information manual”. Some exceptions
that apply to the PCF5083 are listed below:
• Moves from RAM using pointers to I/O control registers (iopc, iopcx and sioc) are not recommended due to reliability
problems. Load immediate from program memory to these registers should be performed. Otherwise, access to the
I/O control registers could be performed via secondary registers e.g.
bm = *px0++ followed by sioc = bm
• All code segments using pp pointer as source must be within a disable/enable pair if interrupts are enabled e.g. disable;
.....
bm = *pp++;
.....
• The instruction *px0++ is illegal. Instead, use the following sequence with consideration to the point above:
dr = *pp++;
*px0++ = dr;
• The instruction ‘.... = *pp++’ may be located in any PROM bank (including the mirrored PROM07 at location
XF800H to XFFFF0. However, the instruction will not work if located in any of the RAM banks mapped to program
address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com