Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 85Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 86Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 87Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 88Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 89Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 90Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 91Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 92Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 136 page
background image
1996 Oct 29
89
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.3.2.2
Sensitivity
Table 64 Equalizer and channel decoder sensitivity; note 1
Note
1. Input level:
−102 dBm.
9.3.2.3
Co-channel rejection
Table 65 Equalizer and channel decoder co-channel rejection; note 1
Note
1. Signal levels:
a) Level of wanted signal
−85 dBm.
b) Level of unwanted signal
−94 dBm.
9.3.2.4
Erroneous frame indication performance
Table 66 Equalizer and channel decoder erroneous frame indication performance
SYMBOL
PARAMETER
CONDITION
MAX.
UNIT
FER1
frame erasure rate
static; ideal FH
5
× 10−4
RBER6
residual bit error rate; TCH/FS class Ib
static; ideal FH
0.2
%
RBER7
residual bit error rate; TCH/FS class II
static; ideal FH
0.5
%
FER2
frame erasure rate
TU50; no FH
4.0
%
RBER3
residual bit error rate; TCH/FS class Ib
TU50; no FH
0.2
%
RBER4
residual bit error rate; TCH/FS class II
TU50; no FH
5.0
%
RBER5
residual bit error rate; TCH/FS class II
RA250; no FH
6.0
%
RBER6
residual bit error rate; TCH/FS class II
HT100; no FH
7.0
%
FER3
frame erasure rate; FACCH
TU50; no FH
6.0
%
FER4
frame erasure rate; SCH
TU50; no FH
13.0
%
SYMBOL
PARAMETER
CONDITION
MAX.
UNIT
FER5
frame erasure rate, TCH/FS
TU3; no FH
15.0 (2.0)
%
RBER7
residual bit error rate; TCF/FS class Ib
TU3; no FH
1.0 (0.1)
%
RBER8
residual bit error rate; TCF/FS class II
TU3; no FH
3.0 (6.0)
%
FER6
frame erasure rate; FACCH
TU3; no FH
18.0
%
FER7
frame erasure rate; SCH
TU50; no FH
14.0
%
SYMBOL
PARAMETER
CONDITION
MAX.
UNIT
FDR1
false detection rate of FACCH, SACCH or SDCCH
random RF input;
level =
−95 dBm
tbf
FDR2
false detection rate of TCH/FS
random RF input;
level =
−95 dBm
0.1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com