Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 84Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 85Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 86Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 87Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 88Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 89Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 90Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 91Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 136 page
background image
1996 Oct 29
88
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.3.2
PERFORMANCE OF GSM BASEBAND PROCEDURES
The performance of the PCF5083 GSM baseband procedures is specified within this section.
All performances are valid for the following conditions; unless otherwise specified. However, performance figures are
only preliminary or must be fixed respectively.
• AGC and quantization in accordance with Fig.16
• Receiver input noise (AWGN); −111 dBm
• IF filter with a frequency characteristic as shown in Fig.20
• Constant frequency offset (df) in baseband signal; −100 Hz ≤ df ≤ 100 Hz
• Gain mismatch in I and Q path less than 0.5 dB
• Phase error less than 2°
• Channel models in accordance with “GSM Rec. 05.05”.
9.3.2.1
Usable receiver input level range
Table 63 Usable receiver input level range
SYMBOL
PARAMETER
CONDITION
MAX.
UNIT
NER1
nominal error rate; TCH/FS class II
static;
−10 dBm
2
× 10−5
−
NER2
nominal error rate; TCH/FS class II
static;
−50 dBm
2
× 10−5
−
NER3
nominal error rate; TCH/FS class II
static;
−85 dBm
2
× 10−5
−
NER4
nominal error rate; TCH/FS class II
EQ50;
−40 dBm
2.5
%
NER5
nominal error rate; TCH/FS class II
EQ50;
−85 dBm
2.5
%
Fig.20 Frequency response of the IF filter.
handbook, halfpage
0
500
0
−100
−80
−60
−40
−20
MGE298
100
200
300
400
gain
(dB)
frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com