Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 77Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 78Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 79Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 80Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 81Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 82Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 83Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 84Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 136 page
background image
1996 Oct 29
81
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
MP_convert_cmi
This procedure may be used to make a loopback between equalizer output
and burst builder input. It converts the 114 soft outputs (CMIs) of the
equalizer located in cmi_buff_id into 114 ‘hard’ bits. These bits are stored in
buffer info_buff_id.
22
cmi_buff_id
info_buff_id
MP_exec_reset
This procedure is used to execute a reset synchronous to the input
message queue. The difference to the RESET message is, that this
procedure is not executed immediately after it is found in the input queue.
The reset_action is the same as the one of the RESET message.
60
reset_action
MP_if_enough_audio_in_samples
This procedure is used for conditional execution of procedures. The
following n_procs procedures are executed if the audio input FIFO contains
at least n_samples samples, otherwise the procedures are skipped.
42
n_samples
n_procs
MP_iom2_disable
This procedure disables the IOM®-2 interrupts of the DSP. This results in a
reduced computational load of the DSP and therefore also in reduced
power consumption.
44
−−
MP_iom2_enable
This procedure enables the IOM®-2 interrupts of the DSP. Sending or
receiving data over the IOM®-2 interface is only possible if this procedure
has been called. After reset the IOM®-2 interrupts are disabled. After the
call of MP_iom2_enable the audio FIFOs are initialized as follows: The
audio input FIFO contains 1 sample (value = 0xFFFD) and the audio output
FIFO contains 148 samples (value = 0xFFFD). This procedure must
therefore be called before the MP_AUDIO_SYNC procedure.
45
−−
MP_offset_compensation
This procedure performs offset measurement and compensation. The
following function is performed:
(i_offset, q_offset) = EM_offset_measurement (n_samples)
MP_read_bbd_in_FIFO_init (i_offset, q_offset).
63
−−
MP_read_audio_in_fifo
n_words words from the audio data input FIFO are copied to the buffer
buff_id in the DSP data memory. This FIFO collects the audio samples from
the ADC converter located in the handset. The procedure waits until the
FIFO contains sufficient data. The time-out is expressed in steps of 100
µs.
If time-out occurs a TIMEOUT_AUDIO_IN_FIFO error message is
automatically sent to the SC.
46
buff_id
n_words
timeout_val
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com