Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 63Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 64Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 65Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 66Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 67Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 68Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 69Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 70Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 136 page
background image
1996 Oct 29
67
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
CM_convert_TCHFS_data
This routine is used for the TCH/FS loop-back. It converts the output data of
CM_decoder_TCHFS into a format which is required for
CM_encoder_TCHS.
If bfi_sig_flag is set to logic 1, then the decoded speech parameters are set
to zero if a bad frame has been detected.
7
bfi_sig_flag
CM_decoder_CCH
Channel decoder for control channels. In accordance with
“GSM Rec. 05.03” this procedure can be used for the following channels:
BCCH: Broadcast Control Channel
PCH: Paging Channel
SACCH: Slow Associated Control Channel
AGCH: Access Grant Channel
SDCCH: Stand-alone Dedicated Control Channel.
The four bursts containing CCH information which are stored in
CCH_CMI_BUFF are decoded
rxqual_ber reflects the estimated bit error rate at the input of the channel
decoder (hard decision assumed) multiplied by 4096.
bfi_cch bad frame indication:
bfi_cch = 0; the decoded CCH message is OK
bfi_cch = 1; a parity error has been detected
bfi_cch = 2; a bad metric error has been detected
bfi_cch = 3; both parity and bad metric errors have been detected.
cch_msg[12] contains the CCH message consisting of 184 bits. The bits
are stored in a packed format with 16-bits per word and LSB first order.
Unused MSBs are set to zero.
8
rxqual_ber
bfi_cch
cch_msg[12]
CM_decoder_SCH
Channel decoder synchronization channel.
bfi_sch is the bad frame indication:
bfi_sch = 0; the decoded SCH message is OK
bfi_sch = 1; a parity error has been detected
bfi_sch = 2; a bad metric error has been detected
bfi_sch = 3; both parity and bad metric errors have been detected.
sch_msg[2] contains the decoded SCH message consisting of 25 bits. The
bits are stored in a packed format with 16-bits per word and LSB first order.
Unused bits are set to zero.
9
bfi_sch
sch_msg[2]
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com