Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 74Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 75Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 76Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 77Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 78Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 79Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 80Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 81Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 136 page
background image
1996 Oct 29
78
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
EM_ sync_burst
Adaptive viterbi equalizer for synchronization bursts. The 167 I and Q pairs
in IQ_BUFF are demodulated. The demodulated CMI values are also
stored in SCRATCH_BUFF.
snr is an estimation for the signal-to-noise ratio (0
≤ snr ≤ 255)
The toi denotes the measured time difference (in quarterbits) between the
first information bit of the burst and the start of the sampling window.
Range: 0
≤ toi ≤ 96. A toi value of 46 is the optimal position.
The foi_re and foi_im denote the real and imaginary part of the frequency
offset information. The frequency offset df (Hz) can be calculated in
accordance with equation:
36
−
snr
toi
foi_re
foi_im
FB_freq_estim
This procedure performs a frequency measurement by analysing the phase
of the 156 IQ samples located in IQ_BUFF.
The parameter threshold is the frequency estimation reliability threshold. If
it is not specified a default value of 3 will be used.
fb_qual = 0; indicates that no FCB has been detected, fb_qual > 0 means
that an FCB has been found. The fb_qual may be used as reliability
information.
The return value fb_foi is the measured frequency offset information in
Hertz. fb_foi = received frequency
− frequency of local oscillator.
66
[threshold]
fb_qual
fb_foi
FB_freq_estim_init
This routine initialises all internal counters that are used for averaging by
FB_freq_estim and FB_estim_eval. It is not necessary to call
FB_freq_estim if averaging via FB_freq_estim_eval is not required.
65
−−
FB_freq_estim_eval
The procedure performs a weighted averaging over all previous results of
FB_freq_estim.
The parameter threshold is the frequency estimation reliability threshold
(recommended value: tbf).
fb_flag = 0 indicates that no FCBs have been detected.
fb_flag = 1 indicates that at least one FCB has been detected.
The return value fb_foi is the measured frequency offset information in
Hertz. fb_foi = received frequency
− frequency of local oscillator.
67
threshold
fb_flag
fb_foi
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES
f
df
foi_im
foi_re
663
×
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com